Part Number Hot Search : 
01MCR NB4L16M P6SMB68 5KP30 DA2822L GFCC30 5KP18PT PT7708A
Product Description
Full Text Search
 

To Download 2SC4388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4388
DESCRIPTION *With TO-3PML package *Complement to type 2SA1673 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 200 180 6 15 4 85 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=5 A;IB=0.5 A VCB=200V; IE=0 VEB=6V; IC=0 IC=3A ; VCE=4V IE=-0.5A ; VCE=12V IE=0; VCB=10V;f=1MHz 50 MIN 180 SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
2SC4388
TYP.
MAX
UNIT V
2.0 10 10 180 20 300
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=10A;RL=4@ IB1=- IB2=1A VCC=40V 0.50 1.80 0.60 s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4388
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4388
4


▲Up To Search▲   

 
Price & Availability of 2SC4388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X