Part Number Hot Search : 
P332MR 12500 8A218 239007 F1205 TS7812 MC34063A LB9051
Product Description
Full Text Search
 

To Download 2SC4385 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4385
DESCRIPTION *With TO-3PML package *Complement to type 2SA1670 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 120 80 6 6 3 60 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=50mA; IB=0 IE=1mA; IC=0 IC=2 A;IB=0.2 A VCB=120V; IE=0 VEB=6V; IC=0 IC=2A ; VCE=4V IE=-0.5A ; VCE=12V 50 20 MIN 80 6
2SC4385
TYP.
MAX
UNIT V V
1.5 10 10 180
V A A
MHz
hFE classifications O 50-100 P 70-140 Y 90-180
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4385
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC4385

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X