Part Number Hot Search : 
BU4221G ZPY30 OPR5013 30KP200A NCP5623 ATR2809 BC847BP X2N4351
Product Description
Full Text Search
 

To Download 2SC4381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4381
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 150V(Min) *DC Current Gain: hFE= 60(Min)@ (VCE= 10V, IC= 0.7A) *Complement to Type 2SA1667
APPLICATIONS *Designed for TV vertical output ,audio output driver and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 150 V 150 V 6 V 2 A 1 A 25 W
.cn mi e
IC
Collector Current-Continuous
IB
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
TJ
150
Tstg
Storage Temperature
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4381
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA ; IB= 0
150
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 0.7A; IB= 0.07A
1.0
V
ICBO
Collector Cutoff Current
VCB= 150V ; IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
10
A
hFE
DC Current Gain
IC= 0.7A ; VCE= 10V
60
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1MHz
fT
Current-Gain--Bandwidth Product
Switching Times
ton
Turn-On Time
tstg
Storage Time
w w
scs .i w
IE= -0.2A ; VCE= 12V
.cn mi e
35
pF
15
MHz
1.0
s
IC= 1A; IB1= -IB2= 0.1A; VCC= 20V; RL= 20
3.0
s
tf
Fall Time
1.5
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X