Part Number Hot Search : 
15514 GROKA P3N150 OM6228SS MUR824 JANTX1 JANTX1 LINEAR
Product Description
Full Text Search
 

To Download 2SC4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220Fa package Wide area of safe operation (ASO) High-speed switching High collector to base voltage VCBO APPLICATIONS For high breakdown voltage highspeed switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter
2SC4004
Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB

PARAMETER
Collector-base voltage
INC
Collector-emitter voltage Emitter-base voltage
E SEM ANG H
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE 900 800 7 1 2 0.3
UNIT V V V A A A
Collector current (DC) Collector current-Peak Base current TC=25ae
30 w 2 150 -55~150 ae ae
PC
Collector power dissipation Ta=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4004
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=1mA , IB=0 IC=0.2A ;IB=0.04A IC=0.2A; IB=0.04A VCB=900V; IE=0 VEB=7V; IC=0 IC=0.05A ; VCE=5V IC=0.5A ; VCE=5V IC=0.05A; VCE=10V;f=1MHz 6 3 MIN 800 1.5 1.0 50 50 |I |I TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
Switching times ton ts tf
Fall time
Turn-on time

CHA IN
Storage time
E SEM NG
OND IC
TOR UC
4 1.0 3.0 1.0
MHz
|I |I |I
s s s
IC=0.2A ;IB1=0.04A; IB2=-0.04A;VCC=250V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4004
PACKAGE OUTLINE

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X