Part Number Hot Search : 
B4131 SC1302D HER151 CA3140AM FST31 EGA16 PMB24 ABV8037
Product Description
Full Text Search
 

To Download 2SC3988 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3988
DESCRIPTION *With TO-3PN package *High breakdown voltage high reliability. *Wide area of safe operation *Fast switching speed APPLICATIONS *500V/25A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 800 500 7 25 40 8 150 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified
2SC3988
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEX(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency
CONDITIONS IC=1mA ; IE=0 IC=5mA ;RBE=; IC=1mA ;IC=0 IC=10A;IB1=-IB2=2A; L=200H IC=12A; IB=2.4A IC=12A; IB=2.4A VCB=500V; IE=0 VEB=5V; IC=0 IC=2.4A ; VCE=5V IC=12A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=2.4A ; VCE=10V
MIN 800 500 7 500
TYP.
MAX
UNIT V V V V
1.0 1.5 10 10 15 8 260 18 50
V V A A
pF MHz
Switching times ton tstg tf Turn-on time Storage time Fall time 5IB1=-2.5IB2= IC=14A VCCE200V;RL=14.3F 0.5 3.0 0.3 s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3988
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3988
4


▲Up To Search▲   

 
Price & Availability of 2SC3988

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X