Part Number Hot Search : 
UPA27 40408 SI7633DP D2SB80 M54530P F2015 SMFJ30A MC145143
Product Description
Full Text Search
 

To Download 2SC3927 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3927
DESCRIPTION *With TO-3PN package *High voltage switching transistor APPLICATIONS *For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 900 550 7 10 15 5 120 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3927
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ;IB=0 IC=5A ;IB=1A IC=5A ;IB=1A VCB=800V; IE=0 VEB=7V; IC=0 IC=5A ; VCE=4V IE=0 ; VCB=10V;f=1MHz IE=1A ; VCE=12V 10 105 6 MIN 550 0.5 1.2 100 100 28 pF MHz TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE Cob fT
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A; IB1=0.75A;IB2=-1.5A RL=50B;VCC=250V 1.0 5.0 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3927
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3927
4


▲Up To Search▲   

 
Price & Availability of 2SC3927

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X