Part Number Hot Search : 
ACT3A01T 74HC02 SKFH110 BAT32 T46R0 TDA6060G 10C60 M5240
Product Description
Full Text Search
 

To Download 2SC3678 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3678
DESCRIPTION *With TO-3PN package *High voltage switching transistor APPLICATIONS *Switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 900 800 7 3 6 1.5 80 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3678
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA; IB=0 IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=800V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=4V IE=0 ; VCB=10V;f=1MHz IE=-0.3A ; VCE=12V 10 50 6 MIN 800 0.5 1.2 100 100 30 pF MHz TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE Cob fT
Switching times ton ts tf Turn-on time Storage time Fall time IC=1A; IB1=0.15A;IB2=-0.5A RL=250B,VCC=250V 1.0 5.0 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3678
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3678
4


▲Up To Search▲   

 
Price & Availability of 2SC3678

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X