Part Number Hot Search : 
SC230 10211 BCM563 10A03 ST753 332ME BC846B 42225
Product Description
Full Text Search
 

To Download 2SC3180N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3180N
DESCRIPTION With TO-3P(I) package Complement to type 2SA1263N APPLICATIONS Power amplifier applications Recommend for 40W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER
CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 80 80 5 6 0.6
UNIT V V V A A W ae ae
Open base
Emitter-base voltage
Open collector
Collector power dissipation Junction temperature Storage temperature
TC=25ae
60 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=50mA ,IB=0 IC=5A; IB=0.5A IC=3A ; VCE=5V VCB=80V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=3A ; VCE=5V IC=1A ; VCE=5V 55 35 MIN 80
2SC3180N
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Cob
TYP.
MAX
UNIT V
2.0 1.5 5 5 160 |I |I
V V A A
Output capacitance

hFE-1 Classifications R 55-110 O
CHA IN
80-160
E SEM NG
IE=0 ; VCB=10V ;f=1MHz
OND IC
TOR UC
30 105
MHz pF
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3180N

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3180N

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3180N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X