Part Number Hot Search : 
237KFKR3 5N2008 APT60 710MTRP STP4NB30 ZSLS7025 D1858 BZT52B75
Product Description
Full Text Search
 

To Download 2SC3180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3180
DESCRIPTION *With TO-3P(I) package *Complement to type 2SA1263 APPLICATIONS *Power amplifier applications *Recommend for 40W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 80 80 5 6 0.6 60 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA ,IB=0 IC=5A; IB=0.5A IC=3A ; VCE=5V VCB=80V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=3A ; VCE=5V IC=1A ; VCE=5V IE=0 ; VCB=10V ;f=1MHz 55 35 MIN 80
2SC3180
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Cob
TYP.
MAX
UNIT V
2.0 1.5 5 5 160
V V A A
30 105
MHz pF
hFE-1 Classifications R 55-110 O 80-160
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3180
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3180
4


▲Up To Search▲   

 
Price & Availability of 2SC3180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X