Part Number Hot Search : 
HMC252 HC2220F SMBJ14 STPS1 0F20ZT20 A3525 BFU530X 2030C
Product Description
Full Text Search
 

To Download 2SC3063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3063
DESCRIPTION *With TO-126 package *High VCEO *Low COB APPLICATIONS *For TV video output amplification
PINNING see Fig.2 PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.1 0.2 1.2 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage DC current gain Output capacitance Transition frequency CONDITIONS IC=30mA ;IB=3m A IC=30mA ; VCE=10V IC=10A;IE=0 IC=100A; IB=0 IE=10A; IC=0 IC=5mA ; VCE=50V IE=0; VCB=30V;f=1MHz IE=-20mA ; VCB=30V 70 300 300 7 50 MIN
2SC3063
SYMBOL VCEsat VBE V(BR)CBO V(BR)CEO V(BR)EBO hFE COB fT
TYP.
MAX 1.5 1.2
UNIT V V V V V
250 2.4 pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3063
Fig.2 outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3063
4


▲Up To Search▲   

 
Price & Availability of 2SC3063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X