Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download 2SC3061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3 package *Ultra-fast switching *Wide area of safe operation *High breakdown voltage APPLICATIONS *Switching regulators *Motor controls *Ultrasonic oscillators *Class C and D amplifiers *Deflection circuits PINNING(see Fig.2)
PIN 1 2 3 Base Emitter DESCRIPTION
2SC3061
Fig.1 simplified outline (TO-3) and symbol Collector
ABSOLUTE MAXIMUM RATINGS(TC=25)
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 PW25s,Duty cycle50% Open emitter Open base Open collector CONDITIONS VALUE 1200 850 7 10 20 5 200 175 -65~175 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage CONDITIONS IC=10mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=1000V; IE=0 ICBO Collector cut-off current VCB=1000V; IE=0, TC=100 IEBO hFE fT Cob Emitter cut-off current DC current gain Transition frequency Output capacitance VEB=6V; IC=0 IC=4A ; VCE=5V IC=1A ; VCE=10V IE=0; VCB=10V,f=1MHz 10 15 220 MIN 850 1200 7 TYP.
2SC3061
MAX
UNIT V V V
1.5 2.0 100 1 100 30
V V A mA A
MHz pF
Switching times tr tstg tf Rise time Storage time Fall time VCC=400V; IC=4A IB1=0.4A;IB2=-1.2A; 0.5 3.5 0.3 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3061
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X