Part Number Hot Search : 
19C20 41HF40 LM7809CT 41HF40 EL6247C LS07D 41HF40 DMN6066
Product Description
Full Text Search
 

To Download 2SC3038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *High breakdown voltage : VCBO=500V(Min) *Wide area of safe operation *Fast switching speed APPLICATIONS *400V/4A switching regulator applications PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3038
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current PW3300s,Duty cycle310% CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 4 8 1.5 1.75 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=5mA ; RBE=A IC=1mA ; IE=0 IE=1mA ; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=400V ;IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=5V IC=2A ; VCE=5V IC=0.4A ; VCE=10V f=1MHz ; VCB=10V 15 8 MIN 400 500 7
2SC3038
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50
V V A A
20 40
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time VCC=200V; IC=3A IB1=0.6A;IB2=-0.6A; RL=66.6F 1.0 2.5 1.0 s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3038
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X