Part Number Hot Search : 
ZL50400 TLOE16TP SR205 TS30012 PE2001 CTZ6V2A MTL5510 LPC11E14
Product Description
Full Text Search
 

To Download 2SC3025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3 package *High breakdown voltage APPLICATIONS *High voltage power switching character display horizontal deflection output PINNING(see Fig.2)
PIN 1 2 3 Base Emitter DESCRIPTION
2SC3025
Fig.1 simplified outline (TO-3) and symbol Collector
ABSOLUTE MAXIMUM RATINGS(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 800 6 5 6 50 150 -45~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current CONDITIONS IC=10mA ;RBE=8 IE=10mA; IC=0 IC=5A; IB=1.25A IC=5A; IB=1.25A VCE=1500V; RBE=8 MIN 800 6
2SC3025
SYMBOL V(BR)CEO V(BR)EBO VCE(sat) VBE(sat) ICES
TYP.
MAX
UNIT V V
2.0 1.5 0.5
V V mA
Switching times ts tf Storage time IC=5A; IB1=1A;IB2=-2.5A Fall time 0.5 s 4.0 s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3025
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X