Part Number Hot Search : 
STU40 SP706SEU 470M1 BZX70C11 W10NK60Z 12D05 R12X09 2N1596
Product Description
Full Text Search
 

To Download 2SC3012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3012
DESCRIPTION *With TO-3PN package *Complement to type 2SA1232 *High transition frequency APPLICATIONS *Audio frequency power amplifier.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 130 130 5 10 15 100 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=5A; IB=0.5A IC=5A; IB=0.5A VCB=130V; IE=0 VEB=3V; IC=0 IC=2A ; VCE=5V IC=5A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=1A ; VCE=5V 60 40 MIN
2SC3012
SYMBOL VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
TYP. 0.6 1.3
MAX 1.5 2.0 50 50 320
UNIT V V A A
150 60
pF MHz
hFE-1 Classifications R 60-120 Q 100-200 P 160-320
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3012
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X