Part Number Hot Search : 
TLE4935 BR1500 DAP22205 MB9BF500 PE44203 P8483 2SB1168 BTS441TG
Product Description
Full Text Search
 

To Download 2SC2497A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2497 2SC2497A
DESCRIPTION *With TO-126 package *Complement to type 2SA1096/A *High collector to emitter voltage VCEO APPLICATIONS *For low-frequency power amplification
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER Collector-base voltage 2SC2497 VCEO Collector- emitter voltage 2SC2497A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Open collector Open base 60 5 1.5 3 1.2* PD Total power dissipation TC=25 5* Tj Tstg Junction temperature Storage temperature
2 1
CONDITIONS Open emitter
VALUE
UNIT V
70
50
V
V A A
W
150 -55 +150
Note) *1: Without heat sink *2: With a 100 x 100 x 2 mm A1 heat sink
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SC2497 IC=2mA ; IB=0 2SC2497A IC=1mA ;IE=0 IC=1.5A ;IB=0.15A IC=1.5A ;IB=0.15A VCE=10V; IB=0 VCB=20V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IE=0 ; VCB=20V,f=1MHz CONDITIONS SYMBOL
2SC2497 2SC2497A
MIN 50
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 60 70 1.0 1.5 100 1 10 80 35 150 220 pF MHz V V V A A A
V(BR)CBO VCEsat VBEsat ICEO ICBO IEBO hFE COB fT
Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency
IE=0.5A ; VCB=5V,f=200MHz
hFE Classifications R 80-160 S 120-220
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2497 2SC2497A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2497A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X