Part Number Hot Search : 
BSS414 74LVC08 63000 LTP747E AN1240 F060293 R2001 IB300
Product Description
Full Text Search
 

To Download 2SC1970 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC1970
DESCRIPTION *High Power Gain: Gpe 9.2dB,f= 175MHz, PO= 1W; VCC= 13.5V *High Reliability
APPLICATIONS *Designed for RF power amplifiers on VHF band mobile radio applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-Base Voltage VALUE 40
UNIT V
Collector-Emitter Voltage RBE= Emitter-Base Voltage Collector Current
Collector Power Dissipation @TC=25 PC Collector Power Dissipation @Ta=25 Tj Tstg Junction Temperature
w w
scs .i w
17 4 0.6 5 1 150 -55~150
V
V
.cn mi e
A
W

Storage Temperature Range
THERMAL CHARACTERISTICS
SYMBOL Rth j-a Rth j-c PARAMETER Thermal Resistance,Junction to Ambient Thermal Resistance,Junction to Case MAX 125 25 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC1970
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 5mA, IE= 0
40
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; RBE=
17
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA, IC= 0
4
V
ICBO
Collector Cutoff Current
VCB= 25V; IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
0.1
mA
hFE
DC Current Gain
IC= 0.1A; VCE= 10V
PO
Output Power
C
Collector Efficiency
hFE Classifications X 10-25 A 20-45
w w
B 35-70
scs .i w
C D 90-180
VCC= 13.5V; Pin= 0.12W; f= 175MHz
.cn mi e
10 1 50
180
1.2
W
60
%
55-110
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC1970

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X