Part Number Hot Search : 
40150 MN101C 1046466 T8200275 RF2054 1812C CM8608IS AN2983
Product Description
Full Text Search
 

To Download 2SC1617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1617
DESCRIPTION *With TO-3 package *High voltage: VCBO(min):300V *Wide safe oprating area APPLICATIONS *For B/W white TV horizontal output applications
PINNING(see fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 300 100 5 7 -7 50 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=100mA; IB=0 IC=5A;IB=0.5 A IC=5A;IB=0.5 A VCB=250V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=7A ; VCE=5V IC=0.5A ; VCE=5V 30 15 MIN 100 SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
2SC1617
TYP.
MAX
UNIT V
1.2 1.5 1.0 1.0 150
V V mA mA
10
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1617
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X