Part Number Hot Search : 
B0938 STV2180A LH53517 P33CA LA7300M RT5002 SF868M35 AT49BV16
Product Description
Full Text Search
 

To Download 2SC1469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1469
DESCRIPTION *With TO-3 package *High breakdown voltage APPLICATIONS *For high voltage ,fast switching applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC-25 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 10 4 100 200 -65~200 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case VALUE 1.25 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=100mA ; IB=0 IC=5A; IB=1A IC=5A; IB=1A VCB=500V; IE=0 VCE=400V; IB=0 VEB=7V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=5V 15 8 MIN 400
2SC1469
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
1.0 2.0 0.1 0.1 0.1 50
V V mA mA mA
10
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1469
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X