Part Number Hot Search : 
75N06HD K4N28 02FLS K4N28 1N4786A IRF5806 AT24C64D 001544
Product Description
Full Text Search
 

To Download 2SC1456 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1456
DESCRIPTION *With TO-66 package *High collector-emitter voltage : VCEO=300V APPLICATIONS *For use in line-operated color TV chroma output circuits and sound output circuits.
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 300 300 5 0.15 10 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10A ;IE=0 IC=1mA ;IB=0 IE=10A ;IC=0 IC=50mA ;IB=5mA VCB=200V;IE=0 VEB=4V; IC=0 IC=50mA ; VCE=10V IC=10mA ; VCE=30V 30 55 MIN 300 300 5
2SC1456
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
2.0 1 1 150
V A A
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1456
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1456

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X