Part Number Hot Search : 
8075BVR BTA208 L6911E07 RAPC3221 RQK06 L6911E07 UT54AC TA8644F
Product Description
Full Text Search
 

To Download 2SC1450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1450
DESCRIPTION *With TO-66 package *Wide area of safe operation *High collector-emitter breakdown voltage :VCEO=150V(min) *Complement to type 2SA766 APPLICATIONS *For power amplifier and vertical output applications.
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=80 CONDITIONS Open emitter Open base Open collector VALUE 150 150 5 0.4 20 150 -65~200 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=30mA; IB=0 IC=1mA; IE=0 IE=1mA; IC=0 IC=0.5A; IB=50m A VCB=150V;IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V 30 MIN 150 150 5
2SC1450
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V V
1.5 10 10 150
V A A
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1450
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X