Part Number Hot Search : 
1N4762A FN521 BCR8PM 12CTQ045 74AC74B 32000 AD7224TE SGM8291
Product Description
Full Text Search
 

To Download 2SC1449 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1449
DESCRIPTION *With TO-126 package *Low collector saturation voltage APPLICATIONS *Low frequency power amplification *High frequency amplification
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 40 35 5 2 1 1.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Collector cut-off current Emitter cut-off current Output capacitance Transition frequency CONDITIONS IC=100A;IE=0 IC=10mA; IB=0 IE=100A; IC=0 IC=500mA ;IB=50m A IC=500mA ;IB=50m A IC=300mA ; VCE=2V VCB=35V; IE=0 VEB=4V; IC=0 IE=0; VCB=10V;f=1MHz IC=100mA ; VCE=5V 40 MIN 40 35 5
2SC1449
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat hFE ICBO IEBO COB fT
TYP.
MAX
UNIT V V V
0.7 1.5 250 0.5 0.5 20 55
V V
A A pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1449
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1449

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X