Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download 2SC1448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1448
DESCRIPTION *With TO-220 package *High collector-emitter breakdown voltage : VCEO=150V(min) APPLICATIONS *Power amplifier applications *Vertical output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 150 150 5 1.5 0.5 1.5 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=30mA; IB=0 IE=1mA; IC=0 IC=0.5A; IB=50m A VCB=150V;IE=0 VEB=5V; IC=0 IC=0.5A ; VCE=10V IC=0.5A ; VCE=10V 40 5 MIN 150 5
2SC1448
SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
1.5 20 20 140
V A A
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1448
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X