Part Number Hot Search : 
08KTTD DN2540N8 FA02047 DTD723YM LNBP10 S220KFKT 2SK3067 80C51
Product Description
Full Text Search
 

To Download 2SC1447 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1447
DESCRIPTION *With TO-220 package *High breakdown voltage *High transition frequency APPLICATIONS *For color TV chroma output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.15 20 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10A ;IE=0 IC=10mA ;IB=0 IE=10A ;IC=0 IC=50mA ;IB=5mA VCB=250V;IE=0 VEB=5V; IC=0 IC=50mA ; VCE=10V IC=10mA ; VCE=30V 40 MIN 300 300 7
2SC1447
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
2.0 1.0 1.0 170 80
V A A
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1447
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1447

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X