Part Number Hot Search : 
CF50603 B360B 2SD12 MHW1915 HEF4086B 5NF06 M27V512 FST20150
Product Description
Full Text Search
 

To Download 2SC1079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1079 2SC1080
DESCRIPTION *With TO-3 package *Complement to type 2SA679/680 *High power dissipation APPLICATIONS *For audio power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=? )
SYMBOL PARAMETER 2SC1079 VCBO Collector-base voltage 2SC1080 2SC1079 VCEO Collector-emitter voltage 2SC1080 VEBO IC IE PC Tj Tstg Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature TC=25? Open collector Open base 100 5 12 -12 100 150 -65~150 V A A W ? ? Open emitter 100 120 V CONDITIONS VALUE 120 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL PARAMETER 2SC1079 V(BR)CEO Collector-emitter breakdown voltage 2SC1080 V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency IE=10mA ;IC=0 IC=10A; IB=1A IC=10A ; VCE=5V VCB=50V; IE=0 VEB=5V; IC=0 IC=2A ; VCE=5V IC=7A ; VCE=5V IC=2A ; VCE=5V IC=0.1A ;IB=0 CONDITIONS
2SC1079 2SC1080
MIN 120
TYP.
MAX
UNIT
V 100 5 3.0 2.5 0.1 0.1 40 15 4 MHz 140 V V V mA mA
u
hFE-1 Classifications R 40-80 Y 70-140
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1079 2SC1080
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X