Part Number Hot Search : 
NT640 BDW94CF 00010 NT640 74000 D75336GC HC402 2745C
Product Description
Full Text Search
 

To Download 2SB925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SB925
DESCRIPTION *High Collector Current:: IC= -7A *Low Collector Saturation Voltage : VCE(sat)= -0.6V(Max)@IC= -5A *High Speed Switching
APPLICATIONS *Designed for low voltage switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
ww w
scs .i
VALUE -40 -20 -5 -7 -12 30
UNIT
.cn mi e
V V V A A
IC
Collector Current-Continuous
ICM
Collector Current-Peak Total Power Dissipation @ TC=25 Junction Temperature
PC
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 COB fT PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Collector Output Capacitance CONDITIONS IC= -10mA; IB= 0 IC= -5A; IB= -0.16A
B
2SB925
MIN -20
TYP.
MAX
UNIT V
-0.6 -1.5 -50 -50 45
V V A A
IC= -5A; IB= -0.16A
B
VCB= -40V; IE= 0 VEB= -5V; IC= 0 IC= -0.1A; VCE= -2V IC= -2A; VCE= -2V
Current-Gain--Bandwidth Product
Switching times ton tstg tf
Turn-on Time Storage Time Fall Time
w w
P 130-260
scs .i w
IE= 0; VCB= -10V; f= 1MHz
IC= -0.5A; VCE= -10V
.cn mi e
60
260 140 150 pF MHz
0.1 0.5 0.1
s s s
VCC= -20V;IC= -2A; IB1= -IB2= -66mA
hFE-2 Classifications R 60-120 Q 90-180
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X