Part Number Hot Search : 
16016 FR102 1N1956B 1N3611 RL207 WP914GDT 5KP18PT BD2066FJ
Product Description
Full Text Search
 

To Download 2SB817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB817
DESCRIPTION *With TO-3PN package *Complement to type 2SD1047 APPLICATIONS *140V/12A AF 60W output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -160 -140 -6 -12 -15 100 150 -40~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-5mA ;IE=0 IE=-5mA ;IC=0 IC=-5A ;IB=-0.5A IC=-1A;VCE=-5V VCB=-80V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-1A ; VCE=-5V IE=0;f=1MHz;VCB=10V 60 20 15 300 MIN -140 -160 -6 -1.1 TYP. SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
2SB817
MAX
UNIT V V V V
-1.5 -0.1 -0.1 200
V mA mA
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1.0A IB1=-IB2=-0.1A 0.25 1.61 0.53 s s s
hFE-1 Classifications D 60-120 E 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB817
Fig.2 outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB817
4


▲Up To Search▲   

 
Price & Availability of 2SB817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X