Part Number Hot Search : 
74HC4 SRAF1020 61A3V 74S90 R4154 WR200 Y5117 7CC547D
Product Description
Full Text Search
 

To Download 2SB649 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB649 2SB649A
DESCRIPTION *With TO-126 package *Complement to type 2SD669/669A *High breakdown voltage VCEO:-120/-160V *High current -1.5A *Low saturation voltage,excellent hFE linearity APPLICATIONS *For low-frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER 2SB649 Collector-base voltage 2SB649A 2SB649 VCEO VEBO IC ICM PD Tj Tstg Collector-emitter voltage 2SB649A Emitter-base voltage Collector current (DC) Collector current-Peak Total power dissipation Junction temperature Storage temperature Ta=25 TC=25 Open collector Open base -160 -5 -1.5 -3 1 W 20 150 -55~150 V A A Open emitter -180 -120 V CONDITIONS VALUE -180 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SB649 IC=-10mA; RBE=B 2SB649A 2SB649 IC=-1m A ;IE=0 2SB649A IE=-1mA ;IC=0 IC=-0.5A ;IB=-50mA IC=-150mA ; VCE=5V VCB=-160V; IE=0 2SB649 hFE-1 DC current gain 2SB649A hFE-2 fT COB DC current gain Transition frequency Collector output capacitance IC=-0.5A ; VCE=-5V IC=-150mA ; VCE=-5V f=1MHz ; VCB=-10V IC=-150mA ; VCE=-5V CONDITIONS SYMBOL
2SB649 2SB649A
MIN -120
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -160 -180 V -180 -5 -1.0 -1.5 -10 60 60 30 140 27 MHz pF 320 200 V V V A
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE ICBO
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current
hFE Classifications hFE-1 2SB649 2SB649A B 60-120 60-120 C 100-200 100-200 D 160-320
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB649 2SB649A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB649 2SB649A
4


▲Up To Search▲   

 
Price & Availability of 2SB649

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X