Part Number Hot Search : 
LM254 TEA1552 SK372 4HC245 NTE222 BFW44 4HC245 TA7280
Product Description
Full Text Search
 

To Download 2SB1569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1569
DESCRIPTION *With TO-220F package *High DC current gain *Low collector saturation voltage *Wide area of safe operation *Complement to type 2SD2400
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 20 150 -55~150 CONDITIONS Open emitter Open base Open collector MAX -120 -120 -5 -1.5 -3.0 2 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-1mA ;IB=0 IC=-50A ;IE=0 IE=-50A ;IC=0 IC=-1A ;IB=-0.1A IC=-1A ;IB=-0.1A VCB=-120V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz IE=0.1A ; VCE=-5V,f=30MHz 60 MIN -120 -120 -5
2SB1569
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE COB fT
TYP.
MAX
UNIT V V V
-2.0 -1.5 -1.0 -1.0 320 30 50
V V A A
pF MHz
hFE Classifications D 60-120 E 100-200 F 160-320
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1569
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X