Part Number Hot Search : 
BC857A 1216D A1200 F1004 TLE6365 SSH210 40128 AD831005
Product Description
Full Text Search
 

To Download 2SB1568 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1568
DESCRIPTION With TO-220F package Complement to type 2SD2399 High DC current gain. Low saturation voltage. DARLINGTON APPLICATIONS For power amplifier applications PINNING
PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER

Fig.1 simplified outline (TO-220F) and symbol
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector dissipation
Collector-base voltage
SEM GE
Open base
CONDITIONS
Open emitter
OND IC
TOR UC
VALUE -80 -80 -7 -4 -6
UNIT V V V A A
Open collector
TC=25ae PC
30 W 2
Tj Tstg
Junction temperature Storage temperature
150 -55~150 ae
ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1568
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA; IB=0
-80
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50|I
A; IE=0
-80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-5mA; IC=0
-7
V
VCEsat
Collector-emitter saturation voltage
IC=-2A ; IB=-4mA
-1.0
-3.0
V
ICBO
Collector cut-off current
VCB=-80V;IE=0
-100
|I
A
IEBO
Emitter cut-off current
VEB=-5V;IC=0
-3.0
mA
hFE
DC current gain
COB
fT
Output capacitance
Transition frequency
ANG CH
IC=-2A ; VCE=-3V
1000
10000
IE=0 ; VCB=-10V;f=1MHz
IN
EMIC ES
IC=-0.5A ; VCE=-5V;f=10MHz
DUC ON
35
12
TOR
pF
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1568
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1568

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X