Part Number Hot Search : 
GP1A91LC M38B79M3 MT1210 MSC71 MT1210 NSPY500S PA153 GRM32ER
Product Description
Full Text Search
 

To Download 2SB1567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1567
DESCRIPTION *With TO-220F package *Complement to type 2SD2398 *High DC current gain. *DARLINGTON APPLICATIONS *For power amplifier applications PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -8 -2 -3 20 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SB1567
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA; IB=0
-100
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50A; IE=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-1A ; IB=-1mA
-1.5
V
ICBO
Collector cut-off current
VCB=-100V;IE=0
-10
A
IEBO
Emitter cut-off current
VEB=-7V;IC=0
-3.0
mA
hFE
DC current gain
IC=-1A ; VCE=-2V
1000
10000
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
35
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1567
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X