Part Number Hot Search : 
2SJ353 MA795WK PS2701 2SC1729 B1580 UPD43256 C1411EPA SMA36
Product Description
Full Text Search
 

To Download 2SB1565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1565
DESCRIPTION With TO-220F package Excellent DC current gain characteristics Low collector saturation voltage Wide SOA (safe operating area) Complement to type 2SD2394
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM

PARAMETER
CONDITIONS Open emitter
Collector-base voltage Collector-emitter voltage
IN
Emitter-base voltage
Collector current
HAN C
SEM GE
Open base Ta=25ae
OND IC
TOR UC
MAX -80 -60 -7 -3 -6 2
UNIT V V V A A
Open collector
Collector current-peak
PC
Collector dissipation TC=25ae 25 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-1mA ;IB=0 IC=-50|I IE=-50|I A ;IE=0 A ;IC=0 MIN -60 -80 -7
2SB1565
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE COB fT
TYP.
MAX
UNIT V V V
IC=-2A ;IB=-0.2A IC=-2A ;IB=-0.2A VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-0.5A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-5V 100 50
-1.5 -1.5 -10 -10 320 |I |I
V V A A
Output capacitance

F
Transition frequency
hFE Classifications E 100-200
HAN INC
160-320
SEM GE
OND IC
TOR UC
15
pF MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1565
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X