Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download 2SB1097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1097
DESCRIPTION *With TO-220F package *Low collector saturation voltage *Complement to type 2SD1588 APPLICATIONS *For low frequency power amplifier and low speed switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -80 -60 -5 -7 2.0 W UNIT V V V A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-30mA; IB=0 IC=-1mA; IE=0 IE=-1mA; IC=0 IC=-5A ;IB=-0.5A IC=-5A ;IB=-0.5A VCB=-60V; IE=0 VEB=-5V; IC=0 IC=-3A ; VCE=-1V 40 MIN -60 -80 -5
2SB1097
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V V
-0.5 -1.5 -10 -10 200
V V A A
hFE Classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1097
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X