Part Number Hot Search : 
18LF2 T24C128 P80NF 2231I P50B60PD LC821 FR105G ST7575
Product Description
Full Text Search
 

To Download 2SB1094 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1094
DESCRIPTION *With TO-220Fa package *Complement to type 2SD1585 APPLICATIONS *Ideal for power supplies or variety or in audio and other equipment
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 15 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -7 -3 -5 -0.6 2.0 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-30mA; IB=0 IC=-2A ;IB=-0.2A IC=-2A ;IB=-0.2A VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-50mA ; VCE=-5V IC=-0.5A ; VCE=-5V IC=-0.1A; VCE=-5V f=1MHz ; VCB=-10V 20 40 MIN -60
2SB1094
SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-1.5 -2.0 -10 -10
V V A A
200 20 70 MHz pF
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1094
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1094

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X