Part Number Hot Search : 
1L0380RB ISL97652 2SB1417A AD7242JN LYT66F 2520C 2SK16 DTA11
Product Description
Full Text Search
 

To Download 2SA1954 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial 2SA1954
Transistors IC
Features
Low saturation voltage VCE(sat) (1) = -15 mV (typ.) Large collector current IC = -500 mA (max)
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating -15 -12 -5 -500 -50 100 125 -55 to +125 Unit V V V mA mA mW
www.kexin.com.cn
1
SMD Type
2SA1954
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Collector-emitter on resistance Switching Turn-on time Symbol ICBO IEBO hFE Testconditons VCB = -15 V, IE = 0 VEB = -5 V, IC = 0 VCE = -2 V, IC = -10 mA
Transistors IC
Min
Typ
Max -0.1 -0.1
Unit iA iA
300 -15 -110 -0.87 80 130 4.2 0.9 40
1000 -30 -250 -1.2 mV mV V MHz pF U ns
VCE (sat)(1) IC = -10 mA, IB = -0.5 mA VCE (sat)(2) IC = -200 mA, IB = -10 mA VBE (sat) fT Cob Ron ton IC = -200 mA, IB = -10 mA VCE = -2 V, IC = -10 mA VCB = -10V, IE = 0, f = 1 MHz IB = -1mA , Vin = -1Vrms, f = 1KHz
Switching Storage time
tstg
280
ns
Switching Fall time
tf IB1 = -IB2 = 5mA
45
ns
hFE Classification
Marking hFE GA 300 600 GB 500 1000
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SA1954

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X