Part Number Hot Search : 
5KP120 7SZ126 MC4010 MRF545 HC165 2SK210 1209D HC1G86
Product Description
Full Text Search
 

To Download 2SA1553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1553
DESCRIPTION *With TO-3PL package *Complement to type 2SC4029 APPLICATIONS *Power amplifier applications *Recommended for 120W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-3PL) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -230 -230 -5 -15 -1.5 150 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-8A ;IB=-0.8A IC=-7A ; VCE=-5V VCB=-230V ;IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-7A ; VCE=-5V IC=-1A ; VCE=-5V IC=0; f=1MHz;VCB=-10V 55 35 MIN -230
2SA1553
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-3.0 -1.5 -5 -5 160
V V A A
25 470
MHz pF
hFE-1 classifications R 55-110 O 80-160
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1553
Fig.2 Outline dimensions (unindicated tolerance:0.50 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1553
4


▲Up To Search▲   

 
Price & Availability of 2SA1553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X