Part Number Hot Search : 
27C200 KF959 CX240X5 GRM31C NB6L11 R100F P6KE39A F4007
Product Description
Full Text Search
 

To Download 2SA1264N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1264N
DESCRIPTION *With TO-3P(I) package *Complement to type 2SC3181N *2SA1264 with short pin APPLICATIONS *Power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-3P(I)) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector
CONDITIONS
VALUE -120 -120 -5 -8 -0.8 80 150 -55~150
UNIT V V V A A W
PT Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1264N
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ,IB=0
-120
V
VCEsat VBE
Collector-emitter saturation voltage
IC=-6A; IB=-0.6A IC=-4A ; VCE=-5V
-2.0
V
Base-emitter voltage
-1.5
V A A
ICBO
Collector cut-off current
VCB=-120V; IE=0
-5
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-4A ; VCE=-5V
35
fT Cob
Transition frequency
IC=-1A ; VCE=-5V IE=0 ; VCB=-10V ;f=1MHz
30
MHz
Output capacitance
420
pF
hFE-1 Classifications R 55-110 O 80-160
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1264N
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1264N
4


▲Up To Search▲   

 
Price & Availability of 2SA1264N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X