Part Number Hot Search : 
R2040 XO3090 00505 BBY56 TSS3G47S H1100 SNC204 AX93167
Product Description
Full Text Search
 

To Download 2SA1203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Audio Frequency Amplifier Applications 2SA1203
Features
Suitable For Output Stage of 3 Watts Amplifier Small Flat Package PC = 1 to 2W (mounted on ceramic substrate) Complementary to 2SC2883
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Jumction temperature Storage temperature Range * Mounted on ceramic substrate (250 mm x 0.8 t)
2
Symbol VCBO VCEO VEBO IC IB PC PC * Tj Tstg
Rating -30 -30 -5 -1.5 -0.3 500 1000 150 -55 to +150
Unit V V V A A mW
Electrical Characteristics Ta = 25
Parameter Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Symbol ICBO IEBO Testconditons VCB = -30V , IE = 0 VEB = -5V , IC = 0 -30 -5 100 320 -2.0 -1.0 120 50 V V MHz pF Min Typ Max -0.1 -0.1 Unit iA iA V V
V(BR)CEO IC = -10mA , IB = 0 V(BR)EBO IE = -1mA , IC = 0 hFE VCE = -2V , IC = -500mA
VCE(sat) IC = -1.5A , IB = -0.03A VBE fT Cob VCE = -2V , IC = -500mA VCE = -2V , IC = -500mA VCB = -10V , IE = 0 , f = 1MHz
www.kexin.com.cn
1
SMD Type
2SA1203
hFE Classification
Marking Rank hFE 100 O 200 160 H Y 320
Transistors
Electrical Characteristics Curves
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SA1203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X