Part Number Hot Search : 
ZL50400 TLOE16TP SR205 TS30012 PE2001 CTZ6V2A MTL5510 LPC11E14
Product Description
Full Text Search
 

To Download 2SA1006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1006 2SA1006A 2SA1006B
*
DESCRIPTION
*With TO-220 package
*Complement to type 2SC2336, 2SC2336A,2SC2336B APPLICATIONS *Audio frequency power amplifier *High frequency power amplifier
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2SA1006 VCBO Collector-base voltage 2SA1006A 2SA1006B 2SA1006 VCEO Collector-emitter voltage 2SA1006A 2SA1006B VEBO IC ICM PT Tj Tstg Emitter-base voltage Collector current Collector current-Peak Total power dissipation Junction temperature Storage temperature Ta=25 TC=25 Open collector Open base Open emitter CONDITIONS VALUE -180 -200 -250 -180 -200 -250 -5 -1.5 -3.0 1.5 W 25 150 -55~150 V A A V V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency SYMBOL VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
2SA1006 2SA1006A 2SA1006B
CONDITIONS IC=-0.5A; IB=-50mA IC=-0.5A ;IB=-50mA VCB=-150V ;IE=0 VEB=-3V; IC=0 IC=-5mA ; VCE=-5V IC=-150mA ; VCE=-5V IE=0 ; VCB=-10V,f=1MHz IC=-100mA ; VCE=10V
MIN
TYP.
MAX -1.0 -1.5 -1 -1
UNIT V V A A
30 60 45 80 320 pF MHz
hFE-2 Classifications R 60-120 Q 100-200 P 160-320
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1006 2SA1006A 2SA1006B
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1006 2SA1006A 2SA1006B
4
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1006 2SA1006A 2SA1006B
5


▲Up To Search▲   

 
Price & Availability of 2SA1006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X