Part Number Hot Search : 
MB90457 TA8100 KSR1110 F2812 E2318 2SJ19 0300L 34671
Product Description
Full Text Search
 

To Download ZM2CR45FW-9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
ZM2CR45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
PRELIMINARY SPEC Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. AVAILABLE ON TAPE AND REEL. IDEAL FOR BACKLIGHTING. PACKAGE : 1500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg M2CR (AlInGaP) 5 50 150 140 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2CR (AlInGaP) 2.2 2.8 10 Unit V V uA
P
640
nm
D
630
nm
25
nm
C
27
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 1495
Wavelength nm P
Viewing Angle 2 1/2
ZM2CR45FW-9
Red
AlInGaP
Water Clear
650
640
120
Published Date : FEB 26, 2008
Drawing No : SDSA6380
V1
Checked : B.L.LIU
P. 1/4
www.SunLED.com
Part Number:
ZM2CR45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
M2CR
Published Date : FEB 26, 2008
Drawing No : SDSA6380
V1
Checked : B.L.LIU
P. 2/4
www.SunLED.com
Part Number:
ZM2CR45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 26, 2008
Drawing No : SDSA6380
V1
Checked : B.L.LIU
P. 3/4
www.SunLED.com
Part Number:
ZM2CR45FW-9
3.5x2.8 mm SURFACE MOUNT LED LAMP
PACKING & LABEL SPECIFICATIONS
ZM2CR45FW-9
Published Date : FEB 26, 2008
Drawing No : SDSA6380
V1
Checked : B.L.LIU
P. 4/4


▲Up To Search▲   

 
Price & Availability of ZM2CR45FW-9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X