Part Number Hot Search : 
MSM51 RF800 11012 IRF101 GNGBAM 30X30 RUK1608 2EZ11
Product Description
Full Text Search
 

To Download WP7113WYP-VGC-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) HOUSING FOR LED LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: WP7113WYP/VGC/Z
GREEN
Features
OUTSTANDING MATERIAL EFFICIENCY. RELIABLE AND RUGGED. IC COMPATIBLE/LOW CURRENT CAPABILITY. HOUSING MATERIAL: PPA. PACKAGE : 65 PCS/TUBE. HIGH TEMPERATURE RESISTANT HOUSING. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaN Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAH0993 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/30/2006 DRAWN: S.J.LIU
PAGE: 1 OF 5 ERP: 1102009574
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. WP7113WYP/VGC/Z GREEN (InGaN) WATER CLEAR 10000 Typ. 22000 Viewing Angle [1] 2 1/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous Intensity / Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 525 535 39 65 3.2 3.7 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 111 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAH0993 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/30/2006 DRAWN: S.J.LIU
PAGE: 2 OF 5 ERP: 1102009574
Green
WP7113WYP/VGC/Z
SPEC NO: DSAH0993 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/30/2006 DRAWN: S.J.LIU
PAGE: 3 OF 5 ERP: 1102009574
WP7113WYP/VGC/Z IC Tube Dimensions
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
SPEC NO: DSAH0993 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/30/2006 DRAWN: S.J.LIU
PAGE: 4 OF 5 ERP: 1102009574
PACKING & LABEL SPECIFICATIONS
WP7113WYP/VGC/Z
SPEC NO: DSAH0993 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: DEC/30/2006 DRAWN: S.J.LIU
PAGE: 5 OF 5 ERP: 1102009574


▲Up To Search▲   

 
Price & Availability of WP7113WYP-VGC-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X