Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download T-12073 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wideband RF Impedance Matching Transformers
Isolation 500VRMS minimum
Electrical Specifications at 25o C Impedance DIP Ratio Schem. Part No. ( + 5%) Style T-12001 T-12002 T-12003 T-12004 T-12005 T-12006 T-12007 T-12008 T-12009 T-12010 1:1 1CT:1CT 1:1CT 1:1:1 1:4 1:4CT 1:2 1:2CT 1:16 1:16CT B C D A B D B D B D Pri. Ind. Rise min. Time max. ( H ) ( ns ) 80 80 80 40 40 40 80 80 20 20 2.2 3.0 3.0 2.0 3.0 3.0 4.0 3.0 6.0 6.0
Designed for use in 50 Impedance RF, and Fast Rise Time, Pulse Applications.
Operating Temperature Range: +0 to +70 oC
LL max. ( H ) 0.15 0.18 0.18 0.10 0.14 0.14 0.30 0.20 0.10 0.10 Pri./Sec. CW/W max. ( pF ) 12 15 15 12 15 15 18 18 10 10 Pri. DCR max. () 0.20 0.20 0.20 0.16 0.20 0.20 0.20 0.20 0.20 0.20 Sec. DCR max. () 0.20 0.20 0.20 0.16 0.30 0.30 0.30 0.30 0.60 0.60 -3 dB Loss BW Low High MHz MHz 0.05 0.05 0.05 0.10 0.10 0.10 0.05 0.05 0.20 0.20 110 90 90 150 110 110 50 80 60 60
DIP Part Number T-12050 T-12051 T-12052 T-12053 T-12054 T-12055 T-12056 T-12057 T-12058 T-12059 T-12060 T-12061 T-12062 T-12063 T-12064 T-12065 T-12066 T-12067 T-12068 T-12069 T-12070 T-12071 T-12072 T-12073 T-12074
Impedance Ratio 1:1 1:1 2:1 2.5:1 3:1 4:1 4:1 5:1 8:1 13:1 16:1 1:1 1:1 1.5:1 1.5:1 2.5:1 4:1 9:1 16:1 36:1 1:1 1.5:1 2.5:1 4:1 25:1
Frequency Range (MHz)
Insertion Loss 3 dB .050-200 .003-300 .070-200 .010-100 .050-250 .200-350 .020-250 .300-300 .030-140 .300-120 .030-75 .150-400 .010-150 .100-300 .020-100 .010-100 .020-200 .150-200 .300-120 .030-20 .004-500 .075-500 .010-50 .050-200 .020-30 Insertion Loss 2 dB .080-150 .010-150 .100-100 .020-50 .100-200 .350-300 .050-150 .600-200 .100-90 .700-80 .060-30 .350-200 .020-100 .200-150 .050-50 .020-50 .050-150 .300-150 .700-80 .050-10 .020-200 .200-100 .025-25 .200-50 .050-20 Insertion Loss 1 dB .20-80 .02-50 .50-50 .05-20 .50-70 2-100 .10-100 .50-100 1-60 5-20 10-20 2-50 .005-50 .50-80 .10-25 .05-20 .10-100 2-40 .50-20 .10-5 .10-50 .10-50 .05-10 1-30 .10-10
Schematic Style D D D D D D D D D D D B B B B B B B B B C C C C C
Schematic "A"
Schematic "B"
Schematic "C"
Schematic "D"
.315 (8.00)
MAX.
6-Pin DIP
6-Pin SMD: T-120XXG
.285 (7.24)
MAX.
.315 (8.00)
MAX.
.270 (6.86)
Schematic "E"
.205 (5.21)
MAX.
.008 R (0.20) .010 (0.25) .300 (7.62) .365 (9.27)
MAX. TYP.
.200 (5.08)
MAX.
.012 .120 (0.30) (3.05)
TYP. MIN.
.010 (0.25) .038 (0.96)
TYP.
.050 (1.27)
TYP.
.100 (2.54)
TYP.
.020 (0.38)
TYP.
.286 (7.27) .425 (10.80) .405 (10.29)
TYP.
.020 (0.51)
TYP.
.100 (2.54)
TYP.
Add "G" to P/N for SMD Tape & Reel available
For other values & Custom Designs, contact factory.
RF-2 - 4/99
Specifications subject to change without notice.
Rhombus Industries Inc.
12
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 * Fax: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of T-12073

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X