Part Number Hot Search : 
1N6483 D882SS09 MAX20 11411 5C180 KRA104M S9269 NV80R2
Product Description
Full Text Search
 

To Download SP25001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
250MHz Low-loss SAW Filter 45MHz Bandwidth
Part Number: SP25001
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss(f020MHz) 1.5 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth Passband Variation(f020MHz) Absolute Delay Group Delay Variation(f020MHz) 100220MHz Ultimate Rejection 280500MHz 5001000MHz Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz dB usec
Minimum
40 45 30 30 30
Typical
250 20 45.34 46.2 52.38 0.9 0.68 60 44 34 40 -23.5 25 SMD7.0*5.0
Maximum
22 56 1.5 150 -
nsec dB dB dB
KHz/C C
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L1=L2=39nH
L2 OUTPUT 50 C2
Notes - Component values may change depending on board layout.
C1=C2=15pF Source/Load Impedance=50 ohm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
SP25001 2007-04-25 1.0 Page 1/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
250MHz Low-loss SAW Filter 45MHz Bandwidth
Part Number: SP25001
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
7.00 8 9 7 6 5 5.00 4 1.00 2 3 4 2.54 9 8 7 6 5 1.27 1.00 0.60 1 10 1.60
10
SIPAT SP25001 07XX
1 2 3
1) 2) 3) 4)
*: Pad Number 1 Index SIPAT: Manufacturer name SP25001: Part Number 07XX: Date Code
Input Output Ground
9 4 1,2,3,5,6,7,8,10
Package: SMD7.0*5.0
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
SP25001 2007-04-25 1.0 Page 2/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
250MHz Low-loss SAW Filter 45MHz Bandwidth
Part Number: SP25001
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -10.2384
Passband Respond
-18.7384
-20.2384
3dB CF = 250.9069MHz 1.5dB = 45.3364MHz 3dB = 46.1981MHz 35dB = 52.3795MHz Insert Loss = -20.2384dB Passband Ripple = 0.94324dB Ultimate Rejection = 32.8593dB
-19.2384
-30.2384
-19.7384
-40.2384 Magnitude(dB)
Group Delay = 53.7891ns Phase Linearity = 15.2797deg Absolute Delay = 677.9316ns
-20.2384
-50.2384
-20.7384
-60.2384
-21.2384
-70.2384
-21.7384
-80.2384
-22.2384
200
210
220
230
240
250 Frequency(MHz)
260
270
280
290
300
200
210
220
230
240
250
260
270
280
290
300
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f020MHz)
Type Performance 800
Phase Linearity(f020MHz)
Type Performance 50
40
30
750
20
X: 230 Y: 13.34 X: 270 Y: 3.636
10
Group Delay Time(ns) 700
X: 230 Y: 681 X: 250 Y: 664.1 X: 270 Y: 666.8
Degree(deg)
X: 250 Y: -0.6082
0
-10
650
-20
-30
600
-40
-50
550 220
230
240
250 Frequency(MHz)
260
270
280
-60 200
210
220
230
240
250 Frequency(MHz)
260
270
280
290
300
Horizontal: 10MHz/Div
Vertical: 50ns/Div
Horizontal: 10MHz/Div
Vertical: 10deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
5.0
0.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
SP25001 2007-04-25 1.0 Page 3/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
250MHz Low-loss SAW Filter 45MHz Bandwidth
Part Number: SP25001
www.sipatsaw.com
SIPAT Co., Ltd.
Maximum Ratings
Operating Temperature Range Storage Temperature Range
DC Voltage Input Power ESD Class C C V dBm
[-40C;+85C] [-40C;+105C]
0 10 max 1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Ver.
SP25001 2007-04-25 1.0 Page 4/4
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of SP25001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X