Part Number Hot Search : 
TLRE50T EMP202 72F32 AN7522 LTC2496 4H560838 HMNP16MM IRFP150A
Product Description
Full Text Search
 

To Download SO869970 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 okpac Relais statique monophase de puissance Power Solid State Relay
Relais statique synchrone adapte a la plupart des charges Zero Cross Solid State Relay designed for most types of loads. Sortie thyristors technologie TMS2 (*) permettant une longue duree de vie : 24 a 510VAC 125A. Back to back thyristors on output with TMS2 (*) technology for a long lifetime expectancy : 24 to 510VAC 125A. Protection en tension sur l'entree et sur la sortie (VDR) pour une tres haute immunite aux perturbations selon IEC/EN61000-4-4 & IEC/EN61000-4-5. Over-Voltage protection on input and output (VDR) to have a high immunity according IEC/EN61000-4-4 & IEC/EN61000-4-5 Tres faible niveau de synchronisme Very low zero cross voltage. Large plage de controle: 20 a 265VAC/DC avec un courant de commande regule. LED de visualisation sur l'entree de couleur verte. Large control range: 20 to 265VAC/DC with input current limiter. Green LED visualization on the input. Construit en conformite aux normes EN60947-4-3 (IEC947-4-3) et EN60950/VDE0805 (Isolement renforce) -UL-cUL Designed in conformity with EN60947-4-3 (IEC947-4-3) and EN60950/VDE0805 (Reinforced Insulation) -UL-cUL Protection IP20 par volets sur les bornes. IP20 protection by flaps on terminals. Dimensions :
S/MON/SO869970/B/01/03/2005
page 1 / 6F/GB
SO869970
Output : 24-510VAC 125A Input : 20-265VAC/DC
IP20
24-510VAC protection reseau line protection
4/A2
Entree control 20265VAC/DC
LED
ZC
1/L1
2/T1
3/A1
1/L1 et 2/T2 peuvent etre inversees/ *- 1/L1et 2/T1 peuvent etre inversees. 1/L1 and 2/T2 be be changed 1/L1 and 2/T1 cancanswapped. *- Le relais doit etre monte sur dissipateur thermique. le relais doit etre monte sur dissipateur thermique / SSR SSR must be mounted on a heatsink must be mounted on heatsink
CHARGE/LOAD
Application typique / Typical application: 50kW resistance (AC-51) - 400 VAC 50hz Autres charges : voir page 5 Other loads : see page 5
(*) : Thermo Mechanical Stress Solution
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
okpac
Caracteristiques d'entree / Control characteristics (at 25C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de non fonctionnement / Release voltage LED d'entree / Input LED Immunite / Input immunity : EN61000-4-4 Immunite / Input immunity : EN61000-4-5 Symbol Uc Ic Uc off Min 20 5 5 AC/DC Typ Max 110-230 265 10 verte / green 2kV 2KV
S/MON/SO869970/B/01/03/2005
page 2 / 6F/GB
Input : Ic = f( Uc)
9
Unit V mA V
8 7 6 Ic (mA) 5 4 3 2 1 0 0 20 40 60 80 100 120 140 Uc (V) 160 180 200 220 240 260
Caracteristiques de sortie / Output characteristics (at 25C) Parametre / Parameter Conditions Symbol Min Typ. Max Plage de tension utilisation / Operating voltage range Ue 24 400 510 Tension de crete (ecretage VDR)/ Peak voltage (VDR clamping) @ 1mA Up 1200 (950) Niveau de synchronisme / Zero cross level Usync 12 Tension minimum amorcage / Latching voltage Ie nom Ua 10 Courant nominal / nominal current (AC-51) Ie AC-51 125 150 Courant surcharge / Non repetitive overload current tp=10ms (Fig. 3) Itsm 2000 2200 Chute directe a l'etat passant / On state voltage drop @ 25C Vt 0,9 Resistance dynamique / On state dynamic resistance rt 2 Puissance dissipee (max) / Pd 0,9x0,9xIe + 0,002xIe2 Output power dissipation (max value) Resistance thermique jonction/semelle Rthj/c 0,25 Thermal resistance between junction to case Courant de fuite a l'etat bloque / Off state leakage current @Ue typ, 50Hz Ilk 1 Courant minimum de charge / Minimum load current Iemin 5 Temps de fermeture / Turn on time @Ue typ, 50Hz ton max 30 Temps d'ouverture / Turn off time @Ue typ, 50Hz toff max 30 Frequence utilisation/ Operating frequency range F mains f 0,1 50-60 800 dv/dt a l'etat bloque / Off state dv/dt dv/dt 500 di/dt max / Maximum di/dt non repetitive di/dt 50 I2t (<10ms) I2t 20000 24000 Immunite / Conducted immunity level IEC/EN61000-4-4 (bursts) 4kV criterion A Immunite / Conducted immunity level IEC/EN61000-4-5 (surge) 4kV criterion A Protection court-circuit / Short circuit protection voir/see page 6 Example Fuse or Fast Breaker (MCB) Caracteristiques generales / General characteristics (at 25C) Isolement entree/sortie - Input to output insulation Isolation sortie/ semelle - Output to case insulation Resistance Isolement / Insulation resistance Tenue aux tensions de chocs / Rated impulse voltage Degre de protection / Protection level / CEI529 Degre de pollution / Pollution degree Vibrations / Vibration withstand 10 -55 Hz according to CEI68 Tenue aux chocs / Shocks withstand according to CEI68 Temperature de fonctionnement / Ambient temperature (no icing, no condensation) Temperature de stockage/ Storage temperature (no icing, no condensation) Humidite relative / Ambient humidity Poids/ Weight Conformite / Conformity Conformite / Conformity plastique du boitier / Housing Material Semelle / Base plate Symbol Ui Ui Ri Uimp double amplitude HR
Unit V rms V V V A rms A V m W K/W mA mA ms ms Hz V/s A/s A2s
4000 VRMS 4000 VRMS 1000 (@500VDC) M 4000 V IP20 2 1,5 mm 30/50 g -40 /+100 C
-40/+125 C 40 to 85 % 80 g EN60947-4-3 (IEC947-4-3) VDE0805/EN60950 UL/cUL PA 6 UL94VO Aluminium, nickel-plated
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0
0,3K/W 0,55K/W
S/MON/SO869970/B/01/03/2005
page 3 / 6F/GB
Fig. 2 Courbes thermiques & Choix dissipateur thermique / Thermal curves and heatsink choice
0,2K/W
Full on State
0,75K/W 0,95K/W 1,1K/W 1,5K/W 2,1K/W
50% on State
6K/W
170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0
50 60 70 80 90 100
Puissance Dissipee / Power Dissipation (W)
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
0
10
20
30
40
Courant de charge / RMS load current (A)
Temperature ambiante / Ambient temperature (C)
6K/W correspond a un relais monte sur un adaptateur DIN celduc type 1LD12020 6K/W corresponds to a relay mounted on a DIN rail adaptator like celduc 1LD12020
fig 3 : Courants de surcharges / Overload currents
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. 1 - No repetitive Itsm is given without voltage reapplied . This curve is used to define the protection (fuses).
Itsm (Apeak)
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 125A(Itsm=2000A) Surge current : Itsm (Apeak) = f(t) for 125A models with Itsm =2000A 2000 1500 1000 500
Surcharge de courant repetitive avec tension reappliquee / Repetive surge current with voltage reapplied. Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). Attention : la repetition de ces surcharges de courant diminue la duree de vie du relais. 2 - Repetitive Itsm is given for inrush current with initial Tj = 70C. In normal operation , this curve musn't be exceeded. Be careful, the repetition of the surge current decreases the life expectancy of the SSR.
1 2
1 10
0 0,01 0,1 t (s)
-> Attention ! les relais a semi-conducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Ils doivent etre utilises associes a un disjoncteur avec propriete de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans l'hypothese d'une defaillance et pour tous les cas ou le relais doit etre isole du reseau (maintenance ; non utilisation sur une longue duree...). -> Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Directement avec fils avec ou sans embouts/ Direct connection with wires with or without ferrules Avec cosses/ With ring terminals
S/MON/SO869970/B/01/03/2005
page 4 / 6F/GB
Raccordement / Connections
Avec adaptation/ With special adaptation
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement d'entree / Control wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque M4
N.m 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 POZIDRIV 2 1,2
AWG18....AWG14 AWG18....AWG14 AWG18....AWG14 AWG18....AWG14
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque
M5
N.m 1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
AWG16....AWG8 AWG16....AWG10 AWG16....AWG8 AWG16....AWG10
POZIDRIV 2
2
Puissance avec cosses / Power with ring terminals. W max =12,6mm 16 mm2 (AWG6) 25 mm2 (AWG4) 35mm2 (AWG2 /AWG3) 50mm2 (AWG0 /AWG1)
Des cosses et kits d'adaptation peuvent etre fournis : voir relais forte puissance et documentation connexion forte puissance/ Suitable ring terminals and special kit for high current can be delivered: see high power SSR and data-sheet for power connexion.
Options : FASTONS : Nous consulter/ Consult us KIT adaptation fort courant / Special kit for high current:
1LK00700
35mm2 (AWG2) 50mm2 (AWG0)
Pour les forts courants, le volet doit etre enleve (perte IP20). For high currents, power flap must be removed ( no IP20)
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Montage /Mounting:
->
S/MON/SO869970/B/01/03/2005
page 5 / 6F/GB
Les relais statiques de la gamme okpac doivent etre montes sur dissipateur thermique. Une gamme etendue de dissipateurs est disponible. Voir exemples ci dessous et la gamme "WF" sur www.celduc.com. okpac SSRs must be mounted on heatsinks. A large range of heatsinks is available. See below some examples and "WF" range on www.celduc.com. Pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance specifie par celduc .Une version autocollante precollee sur le relais est aussi disponible: nous consulter / For heatsink mounting, it is necessary to use thermal grease or thermal pad with high conductibility specified by celduc. An adhesive model mounted by
M4x12mm 1,2N.m
->
Thermal grease or pad
celduc on the SSR is also available: please contact us.
Ouverture Fermeture Open and close
Thermal pad : 5TH21000
WF108110 ( 1,1 K/W)
WF031100 (0,3 K/W)
Volets IP20 / IP20 flaps
Application typiques / Typical LOADS
-> Les produits SO8 sont adaptes au controle de la plupart des charges. Nous donnons dans nos specifications le courant en AC-51 (charge resistive). Pour les autres charges, il faut surveiller les surcharges en courant a la fermeture et les surtensions eventuelles a l'ouverture. * AC-55b: Lampes a incandescence : Courants d'appel generalement de 10 fois le courant nominal durant quelques 10ms . * AC-55a: Lampes a decharge. Ces charges ont souvent des surcourants importants a la fermeture et des surtensions a l'ouverture ( capacites) . Nous conseillons d'utiliser des relais 400VAC sur reseau 230VAC. * AC-58: Moteurs monophases . Ces charges ont souvent des surcourants importants a la fermeture et des surtensions a l'ouverture ( capacites). Nous conseillons d'utiliser des relais 400VAC sur reseau 230VAC et d'adapter le courant du relais au courant de demarage. * AC-53: Moteurs triphases. 2 ou 3 relais SO8 fonctionnent aussi sur des courants moteurs AC-53 , mais il est generalement preferable d'utiliser des relais Triphases (SVT ou SIT)ou des relais SO7 * AC-56a: transformateurs: Tres fort courant d'appel ( jusqu'a 100 fois le courant nominal). Nous conseillons l'utilisation de relais non synchrones SO7 (commande instantanee) ou commande crete SCP. * AC-56b: capacites: Tres fort courant a l'appel et surtensions a l'ouverture. Consulter celduc avec les relais dedies a cette application (1600Vp).
SO8 products are designed for most types of loads. We give in our data-sheet the AC-51 current value corresponding to resistive loads. For other loads, check the inrush current at turn ON and possible overvoltages at turn OFF: * AC-55b: Incandescent lamps : Inrush current is generally 10 times In during few 10ms. * AC-55a: Electric discharge lamp : These loads often have overcurrent at turn ON and overvoltage at turn OFF, so we advise to use 400VAC SSR on 230VAC mains. * AC-58: One pole motors. These loads often have overcurrent at turn ON and overvoltage at turn OFF, so we advise to use 400VAC SSR on 230VAC mains and to adapt the SSR current to the starting current of the motor. * AC-53: Three phase motors. 2 or 3 SO8 can drive such motors, but generally, prefer SVT or SIT three phase range or SO7 range. * AC-56a: Transformers loads : Very high inrush current up to 100 times In . We advise to use random SSR : SO7 range or peak control SSR : SCP range * AC-56b: Capacitor loads with very high current at turn ON and overvoltage at turn OFF, please consult us with 1600V peak SSR and high inrush current.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Protection /Protection :
du relais . Un test en laboratoire a ete effectue sur les fusibles de marque FERRAZ. Une protection par MCB ( disjoncteurs modulaires miniatures) est aussi possible. Voir notre note application ( protection SSR) et utiliser des relais avec I2t >5000A2s
S/MON/SO869970/B/01/03/2005
page 6 / 6F/GB
-> La protection d'un relais statique contre les court-circuits de la charge peut etre faite par fusibles rapides avec des I t = 1/2 I t
2
2
To protect the SSR against a short-circuit of the load , use a fuse with a I2t value = 1/2 I2t value specified page 2. A test has been made with FERRAZ fuses . It is possible to protect SSR by MCB ( miniature circuit breaker). In this case, see application note ( SSR protection) and use a SSR with high I2t value (5000A2s minimum).
EMC :
-> Immunite : Nous specifions dans nos notices le niveau d'immunite de nos produits selon les normes essentielles pour ce type de produit, c'est a dire IEC/EN61000-4-4 & IEC/EN61000-4-5. Vous pouvez noter l'immunite eleve de nos produits par rapport aux produits du marche. Immunity : We give in our data-sheets the immunity level of our SSRs according to the main standards for these products: IEC/EN61000-4-4 & IEC/EN61000-4-5. You can see the high immunity level in comparison with the products on the market. -> Emission: Nos relais statiques sont principalement concus et conformes pour la classe d'appareils A (Industrie). L'utilisation du produit dans des environnements domestiques peut amener l'utilisateur a employer des moyens d'attenuation supplementaires. En effet, les relais statiques sont des dispositifs complexes qui doivent etre interconnectes avec d'autres materiels (charges, cables, etc) pour former un systeme. Etant donne que les autres materiels ou interconnexions ne sont pas de la responsabilite de celduc, il est de la responsabilite du realisateur du systeme de s'assurer que les systemes contenant des relais statiques satisfont
aux prescriptions de toutes les regles et reglements applicables au niveau des systemes. Le faible niveau de synchronisme de relais SO8(<12V) ameliore le niveau d'emission conduit en mode de commande rapide, par rapport a la plupart des produits du commerce avec des niveaux de synchronisme qui atteignent souvent 50Volts. Consulter celduc qui peut vous conseiller ou realiser des essais dans son laboratoire sur votre application. Emission: celduc SSRs are mainly designed in compliance with standards for class A equipment (Industry). Use of this product in domestic environments may cause radio interference. In this case the user may be required to employ additionnal devices to reduce noise. SSRs are complex devices that must be interconnected with other equipment (loads, cables, etc.) to form a system. Because the other equipment or the interconnections may not be under the control of celduc, it shall be the responsability of the system integrator to ensure that systems containing SSRs comply with the requirement of any rules and regulations applicable at the system level. The very low zero cross voltage of SO8 range (<12Volts) improves the conducted emission level in comparison with most of SSRs on the market with zero cross voltage often higher than 50Volts. Consult celduc for advices. Tests can be preformed in our laboratory.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SO869970

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X