Part Number Hot Search : 
TA7668 15111 P2600 HCS05K ALVC16 MDA970G6 DS2762BR NDL5506P
Product Description
Full Text Search
 

To Download SO465020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 okpac Gradateur angle de phase Phase angle controller
PRELIMINAIRE / PRELIMINARY Relais statique a entree analogique permettant un controle en puissance de charge resistive par une variation en angle de phase SSR based phase angle controller with analog control to adjust power on resistive loads (linear power law response) Gamme en courant des SO4 : 35 a 125A SO4. current range : 35 to 125A Protection contre les surtensions par varistor integre Overvoltage protection by varistor. Plage de frequence reseau :40 a 70 Hz auto-adaptable Main frequency range : 40 to 70Hz with self adaptation Alimentation 8-30V et led verte de visualisation 8-30V supply voltage and Green LED visualization on the input. Entree analogique 0-10V. 0-10V analog input voltage. Construit en conformite aux normes EN60947-4-3 (IEC947-4-3) et EN60950/VDE0805 (Isolement renforce) Designed in compliance with EN60947-4-3 (IEC947-4-3) and EN60950/VDE0805 (Reinforced Insulation) Protection IP20 par volets sur les bornes. IP20 protection by flaps on terminals.
S/MON/SO465020/B/24/05/2007
page 1 / 5F/GB
SO465020
Sortie/Output : 200-480VAC 50A Alimentation/Supply : 8-30V Entree analogique/Analog Input : 0-10V
2 connecteurs d'entree debrochable a technologie ressort. Gris: Alimentation Orange: Entree analogique 0-10V Two removable input spring connectors Grey: Supply Orange : Analog input 0-10V
Dimensions :
200-480Vac
Entree analogique Analog input 0-10VDC
Alimentation Supply 8-30VDC
- 1/L1 et 2/T1 peuvent etre inversees. 1/L1 and 2/T1 can be swapped. - Le relais doit etre monte sur dissipateur thermique. SSR must be mounted on heatsink
Entree ana. Control input Alim. Supply
Application typique / Typical application: 10kW (AC-51) - 400 VAC 50hz
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
okpac
Caracteristiques d'entree / Control characteristics (at 25C) DC Parametre / Parameter Symbol Min Typ Max Plage de tension d'alimentation / Control voltage range Vc 8 30 Courant d'alimentation/ Supply current Ic 9 Tension inverse max alim. / Max. reverse supply voltage -Vc 30 Plage de tension analogique/ Analog voltage range Ve 0 10 30 Courant entree analogique / Analog input current Ie 300 Tenue en tension max ana. / Max. reverse analog voltage withstand -Ve -30 30 Impedance entree analogique/ Analog input impedance Re 120 Caracteristiques de sortie / Output characteristics (at 25C) Parametre / Parameter Plage de tension utilisation / Operating voltage range Tension de crete / Peak voltage Tension amorcage / Latching voltage Courant nominal / nominal current (AC-51) Courant surcharge / Non repetitive overload current Chute directe a l'etat passant / On state voltage drop Resistance dynamique / On state dynamic resistance Puissance dissipee (max) / Output power dissipation (max) Courant de fuite a l'etat bloque / Off state leakage current Temps d'initialisation / init time Temps de retard / delay time Temps de reponse / rise, fall time Frequence utilisation/ Operating frequency range dv/dt a l'etat bloque / Off state dv/dt di/dt max / Maximum di/dt non repetitive I2t (<10ms) Immunite / Conducted immunity level Immunite / Conducted immunity level Protection surtension interne / Internal overvoltage protection Protection court-circuit / Short circuit protection Unit V mA V V A V k
9 8 7 6
S/MON/SO465020/B/24/05/2007
page 2 / 5F/GB
Ic (mA)
5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
Vc (V)
Conditions @ 1mA Ie nom voir/ see fig.2 tp=10ms (Fig. 3) @ 25C
@Ue typ, 50Hz @ switch on 50Hz @ 50Hz @ 50Hz , dUl=63% f mains
Symbol Ue Up Ua Ie AC-51 Itsm Vt rt Pd Ilk ti td max tr max f dv/dt di/dt I2t
Min 200 1200 0,1 550
Typ. -
Max 480 20 50
720
IEC/EN61000-4-4 (bursts) IEC/EN61000-4-5 (surge) Varistor 510V
0,9 12 0,9x0,9xIe + 0,012xIe2 2 6 70 20 40 50-60 70 500 50 1500 2500 4kV criterion B 4kV criterion B
Unit V rms V V A rms A V m W mA ms ms ms Hz V/s A/s A2s
voir/ see page 6
Uclamp 820(@1mA) Example Fuse Ferraz gRC 25A/32A/50A
V
Caracteristiques generales / General characteristics (at 25C) Isolement entree/sortie - Input to output insulation Isolation sortie/ semelle - Output to case insulation Resistance Isolement / Insulation resistance Tenue aux tensions de chocs / Rated impulse voltage Degre de protection / Protection level / CEI529 Degre de pollution / Pollution degree Vibrations / Vibration withstand 10 -55 Hz according to CEI68 Tenue aux chocs / Shocks withstand according to CEI68 Resistance thermique jonction/semelle Thermal resistance junction to case Temperature de fonctionnement / Ambient temperature (no icing, no condensation) Temperature de stockage/ Storage temperature (no icing, no condensation) Humidite relative / Ambient humidity Poids/ Weight Conformite / Conformity Conformite / Conformity plastique du boitier / Housing Material Semelle / Base plate
Ui Ui Ri Uimp Rthj/c HR
4000 4000 1000 (@500VDC) 4000 IP20 2 1,5 30/50 0,45 -40 /+90 -40/+125 40 to 85 65 EN60947-4-3 (IEC947-4-3) VDE0805/EN60950 UL/cUL PA 6 UL94VO Aluminium, nickel-plated
VRMS VRMS M V
mm g C/W C C % g
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
100
S/MON/SO465020/B/24/05/2007
page 3 / 5F/GB
Fig. 2 Courbes thermiques & Choix dissipateur thermique / Thermal curves and heatsink choice
100
0,75K/W 0,55K/W
Puissance Dissipee / Power Dissipation (W)
12K/W correspond a un relais sans dissipateur monte dans l'air / 12K/W corresponds to a relay without heatsink . 6K/W correspond a un relais monte sur un adaptateur DIN celduc type 1LD12020 6K/W corresponds to a relay mounted on a DIN rail adaptator like celduc 1LD12020
90 80 70 60 50 40 30 20
50% on State 6K/W 2,1K/W Full on State 0,95K/W 1,1K/W
90 80 70
1,5K/W
60 50 40 30 20 10 0 5 10 15 20 25 30 35 40 45 50 55 60
Courant de charge / RMS load current (A)
10 0 0
0 10 20 30 40 50 60 70 80 90 100
Temperature ambiante / Ambient temperature (C)
(Uload/Vac) 100%
2
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 50A(Itsm=550A) Surge current : Itsm (Apeak) = f(t) for 50A models with Itsm =550A 600
75%
Itsm (Apeak)
400
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
50%
200
Surcharge de courant repetitive avec tension reappliquee / Repetive surge current with voltage reapplied.
1 2
1 10
25%
0 0,01 0,1 t (s)
0% 0 0.3 2.5 5
7.5
9 . 7 10
Ve(V)
Fig.3 Caracteristique de transfert, linearise en U2 Transfer characteristic with U2 linearization. Avec une charge resistive constante cette caracteristique permet d'avoir une reponse lineaire en puissance. With a constant resistive load this characteristic gives a linear power transfer. Vac :Tension eff. reseau / Mains voltage (rms) R load :Resistance de la charge / Resistive load P(Ve)= Uload2/R load , Pmax=Vac2/R load (Uload/Vac)2=P(Ve)/Pmax=(Ve - 0.3) / 9.4V P(Ve)=Pmax.(Ve - 0.3V) / 9.4V
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. 1 - No repetitive Itsm is given without voltagereapplied . This curve is used to define theprotection (fuses). 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). Attention : la repetition de ces surcharges de courant diminue la duree de vie du relais. 2 - Repetitive Itsm is given for inrush current with initial Tj = 70C. In normal operation , this curve musn't be exceeded. Be careful, the repetition of the surge current decreases the life expectancy of the SSR.
-> Attention ! les relais a semi-conducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. Ils doivent etre utilises associes a un disjoncteur avec propriete de sectionnement ou similaire, afin d'assurer un sectionnement fiable en amont de la ligne dans l'hypothese d'une defaillance et pour tous les cas ou le relais doit etre isole du reseau (maintenance ; non utilisation sur une longue duree...). -> Warning ! semiconductor relays don't provide any galvanic insulation between the load and the mains. Always use in conjunction with an adapted circuit breaker with isolation feature or a similar device in order to ensure a reliable insulation in the event of wrong function and when the relay must be insulated from the mains (maintenance ; if not used for a long duration ...).
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
Raccordement / Connections okpac
S/MON/SO465020/B/24/05/2007
page 4 / 5F/GB
Raccordement d'entree / Control wiring Connecteurs debrochables, Technologie ressort. Section minimale 0,08mm2 Section maximale 1,5mm2 Plugabble removable input spring connectors. connecteur/connector WAGO 734-serie Min AWG28 Max AWG14 Avec cosses/ With ring terminals
avec levier/ with clip
Directement avec fils avec ou sans embouts/ Direct connection with wires with or without ferrules
okpac
1
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Raccordement de puissance / Power wiring
Nombre de fils / Number of wires 2
Fil rigide (sans embout) SOLID (No ferrule) Fil multibrins (avec embout) FINE STRANDED (With ferrule)
Modele de tournevis / Screwdriver type
Couple de serrage recommande Recommended Torque
M5
N.m 1,5 ... 10 mm
2
1,5 ... 6 mm
2
1,5 ... 10 mm
2
1,5 ... 6 mm
2
AWG16....AWG8 AWG16....AWG10 AWG16....AWG8 AWG16....AWG10
POZIDRIV 2
2
Puissance avec cosses / Power with ring terminals. W max =12,6mm 16 mm2 (AWG6) 25 mm2 (AWG4) 35mm2 (AWG2 /AWG3) 50mm2 (AWG0 /AWG1)
Des cosses et kits d'adaptation peuvent etre fournis : voir relais forte puissance et documentation connexion forte puissance/ Suitable ring terminals and special kit for high current can be delivered: see high power SSR and data-sheet for power connexion.
Options : FASTONS : Nous consulter/ Consult us KIT adaptation fort courant / Special kit for high current:
1LK00700
35mm2 (AWG2) 50mm2 (AWG0)
Pour les forts courants, le volet doit etre enleve (perte IP20). For high currents, power flap must be removed ( no IP20)
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
okpac
S/MON/SO465020/B/24/05/2007
page 5 / 5F/GB
M4x12mm 1,2N.m
Montage /Mounting:
->
Les relais statiques de la gamme okpac doivent etre montes sur dissipateur thermique. Une gamme etendue de dissipateurs est disponible. Voir exemples ci dessous et la gamme "WF" sur www.celduc.com. okpac SSRs must be mounted on heatsinks. A large range of heatsinks is available. See below some examples and "WF" range on www.celduc.com.
Thermal grease or pad
->
Pour le montage du relais sur dissipateur utiliser de la graisse thermique ou un "thermal pad" haute performance specifie par celduc .Une version autocollante precollee sur le relais est aussi disponible: nous consulter / For heatsink mounting, it is necessary to use thermal grease or thermal pad with high thermal conductibility specified by celduc. An adhesive model mounted bycelduc on the SSR is also available: please contact us.
Thermal pad : 5TH21000
WF151200 (2-2,5 K/W) WF108110 ( 1,1 K/W)
Phase
Neutral Applications
Entree analogique Analog input 0-10V dc
Alimentation Supply 8-30V dc
Load
celduc
www.celduc.com
relais Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SO465020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X