Part Number Hot Search : 
AZ23C10 2SC37 2SK3488 R10100 ADT14GS 2N3440 EUA2107 ISL6323
Product Description
Full Text Search
 

To Download SI1012R05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si1012R/X
Vishay Siliconix
N-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
20
FEATURES
ID (mA)
600 500 350
rDS(on) (W)
0.70 @ VGS = 4.5 V 0.85 @ VGS = 2.5 V 1.25 @ VGS = 1.8 V
D D D D D D
TrenchFETr Power MOSFET: 1.8-V Rated Gate-Source ESD Protected: 2000 V High-Side Switching Low On-Resistance: 0.7 W Low Threshold: 0.8 V (typ) Fast Switching Speed: 10 ns
Pb-free Available
SC-75A or SC-89
G 1
BENEFITS
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Circuits Low Battery Voltage Operation
3 S 2 Top View
D
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories D Battery Operated Systems D Power Supply Converter Circuits D Load/Power Switching Cell Phones, Pagers
ORDERING INFORMATION
Part Number
Si1012R-T1 Si1012R-T1--E3 (Lead (Pb)-Free) Si1012X-T1 Si1012X-T1--E3 (Lead (Pb)-Free)
Package
SC-75A (SOT-416) SC-89 (SOT-490)
Marking Code
C A
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)b Pulsed Drain Currenta TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS TA = 25_C TA = 85_C TA = 25_C TA = 85_C TJ, Tstg ESD PD
5 secs
20
Steady State
Unit
V
"6 600 400 1000 275 175 90 275 160 -55 to 150 2000 250 150 80 250 140 500 350
mA
Continuous Source Current (diode conduction)b Maximum Power Dissipationb for SC 75 SC-75
mW
Maximum Power
Dissipationb
for SC 89 SC-89
Operating Junction and Storage Temperature Range Gate-Source ESD Rating (HBM, Method 3015) Notes d. Pulse width limited by maximum junction temperature. e. Surface Mounted on FR4 Board. Document Number: 71166 S-50366--Rev. B, 28-Feb-05
_C V
www.vishay.com
1
Si1012R/X
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V VDS = 20 V, VGS = 0 V VDS = 20 V, VGS = 0 V, TJ = 85_C VDS = 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 600 mA Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 500 m A VGS = 1.8 V, ID = 350 m A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 400 mA IS = 150 mA, VGS = 0 V 700 0.41 0.53 0.70 1.0 0.8 1.2 0.70 0.85 1.25 S V W 0.45 "0.5 0.3 0.9 "1.0 100 5 V mA nA mA mA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 47 W ID ^ 200 mA, VGEN = 4.5 V, RG = 10 W VDS = 10 V, VGS = 4.5 V, ID = 250 mA 750 75 225 5 5 25 11 ns pC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com
2
Document Number: 71166 S-50366--Rev. B, 28-Feb-05
Si1012R/X
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Output Characteristics
1.0 1200 TC = -55_C 0.8 I D - Drain Current (A) 1000 ID - Drain Current (mA) VGS = 5 thru 1.8 V 25_C 800 125_C 600 400 200 1V 0.0 0.0 0 0.0
Transfer Characteristics
0.6
0.4
0.2
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
4.0 r DS(on) - On-Resistance ( W ) 100
Capacitance
C - Capacitance (pF)
3.2
80 Ciss 60
2.4
1.6 VGS = 1.8 V 0.8 VGS = 2.5 V VGS = 4.5 V 0 200 400 600 800 1000
40 Coss
20 Crss 0 4
0.0
0
8
12
16
20
ID - Drain Current (mA)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 250 mA 4 1.60
On-Resistance vs. Junction Temperature
rDS(on) - On-Resiistance (Normalized)
1.40
VGS = 4.5 V ID = 600 mA
3
1.20 VGS = 1.8 V ID = 350 mA
2
1.00
1
0.80
0 0.0
0.2
0.4
0.6
0.8
0.60 -50
-25
0
25
50
75
100
125
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 71166 S-50366--Rev. B, 28-Feb-05
www.vishay.com
3
Si1012R/X
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
1000 TJ = 125_C r DS(on) - On-Resistance ( W ) I S - Source Current (mA) 5
On-Resistance vs. Gate-to-Source Voltage
4 ID = 350 mA 3 ID = 200 mA 2
100
TJ = 25_C
10
TJ = -55_C
1
1 0.0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 6 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Threshold Voltage Variance vs. Temperature
0.3 0.2 V GS(th) Variance (V) ID = 0.25 mA 0.1 -0.0 -0.1 -0.2 -0.3 -50 IGSS - (mA) 2.0 1.5 1.0 3.0 2.5
IGSS vs. Temperature
VGS = 4.5 V 0.5 0.0 -50
-25
0
25
50
75
100
125
-25
0
25
50
75
100
125
TJ - Temperature (_C)
TJ - Temperature (_C)
BVGSS vs. Temperature
BVGSS - Gate-to-Source Breakdown Voltage (V) 7 6 5 4 3 2 1 0 -50
-25
0
25
50
75
100
125
TJ - Temperature (_C) www.vishay.com Document Number: 71166 S-50366--Rev. B, 28-Feb-05
4
Si1012R/X
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient (SC-75A)
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 833_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?71166.. Document Number: 71166 S-50366--Rev. B, 28-Feb-05 www.vishay.com
5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI1012R05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X