Part Number Hot Search : 
1117M3 00BGC 6MBP15 R1300 STD25 2J475K 1200S MDU1900
Product Description
Full Text Search
 

To Download SHF1106SMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SHF1104 & SHF1104SMS thru SHF1109 & SHF1109SMS 1 AMP 400 - 900 V Hyper Fast Rectifier
Features:
* * * * * * * Hyper Fast Recovery: 40 nsec maximum PIV to 900 Volts, Consult Factory Hermetically Sealed Void Free Construction For High Efficiency Applications Replaces UES 1104, UES1106, IN6624 TX, TXV, S Level screening Available2/
DESIGNER'S DATA SHEET
Part Number/Ordering Information 1/ SHF11 __ __ __
Screening 2/
__ = Not Screened TX = TX Level TXV = TXV S = S Level
Package Type
__ = Axial Leaded SMS = Surface Mount Square Tab
Family/Voltage
04 = 400 V 06 = 600 V 08 = 800 V 09 = 900 V
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage Average Rectified Forward Current (Resistive Load, 60 hz Sine Wave, TA = 25 C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 C) Operating & Storage Temperature Maximum Thermal Resistance
SHF1104 SHF1106 SHF1108 SHF1109
VRRM VRSM VR Io IFSM TOP & TSTG
400 600 800 900 1.0 20 -65 to +175 35 28
Axial Lead Diode
Volts
Amps Amps C C/W
SMS
Junction to Leads, L = 3/8 Junction to Tabs
RJE
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory. 2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0111F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SHF1104 & SHF1104SMS thru SHF1109 & SHF1109SMS
Symbol Max Units
Electrical Characteristic
Instantaneous Forward Voltage Drop (IF = 1ADC, TA = 25C pulsed) Instantaneous Forward Voltage Drop (IF = 1ADC, TA = -55C pulsed) Reverse Leakage Current (Rated VR, TA = 25C pulsed) Reverse Leakage Current (Rated VR, TA = 100C pulsed) Reverse Recovery Time (IF = 500mA, IR = 1A, IRR = 250mA, TA = 25C) Junction Capacitance (VR=10VDC, TA=25C, f=1MHz)
Case Outline: (Axial)
VF
VF
1.35 1.5 10 1 40 22
DIM A B C D MIN 0.100" 0.130" 0.027" 1.00"
VDC VDC A mA nsec pF
MAX 0.130" 0.180" 0.033" --
IR IR tRR CJ
D
B
D
OC
OA
Case Outline: (SMS)
B A
DIM A B C D
A
MIN 0.127" 0.180" 0.020" 0.002"
MAX 0.140" 0.230" 0.030" --
C
D
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0111F
DOC


▲Up To Search▲   

 
Price & Availability of SHF1106SMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X