Part Number Hot Search : 
2A182 74000 2SC50 Z2SMB15 BAT43W 6034248 190MHZ BC846A
Product Description
Full Text Search
 

To Download SF3010-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF 3010
1 AMP
db db
COMPACT SIZE PCB MOUNTED FILTER
2 AMP
90 80
90 80 70 60 50 40 30 20 10 .1 .15 .4 1
SYMMETRIC
70 60 50 40 30
SYMMETRIC
ASYMMETRIC
4 10 Frequency MHz 40 100 500
20 10 .1 .15 .4 1
ASYMMETRIC
4 10 Frequency MHz 40 100 500
6 AMP
db
90 80 70 60 50 40 30 20 10 .1 .15 .4 1
SYMMETRIC
ASYMMETRIC
4 10 Frequency MHz 40 100 500
SF 3010
Rated Leakage Current Current A @ 250V 50Hz
Inductance mH
Connections
Approvals
SF 3010-1/08 SF 3010-2/08 SF 3010-6/08 SF 3010A-1/08 SF 3010A-2/08 SF 3010A-6/08
1 2 6 1 2 6
0.2mA 0.2mA 0.2mA 0.2mA 0.2mA 0.2mA
11 2.0 0.5 11 2.0 0.5
PCB Pins 0.8 PCB Pins 0.8 PCB Pins 0.8 PCB Pins 0.6 PCB Pins 0.6 PCB Pins 0.6
Temperature Range: -250C to +850C Operating Voltage: 250Vac Operating Frequency: 0 to 400Hz Test Voltage: L+N to ground, 2700Vdc, 2 seconds
s s s s s Approved Submitted for Approval
s s
IEC 950 (EN 60950) Applications)
DIMENSIONS
All dimensions are nominal and in mm
25
25
SF 3010 - 0.8 Square SF 3010A - 0.6 Square
25
7.0 +2.0 - 1.0
CIRCUIT DIAGRAM
L LINE
0.047F(x2)
L1
L LOAD
N L1
2x2,200pF (Y)
N
PIN CONNECTIONS
LOAD L N E L N LINE 15 2.5 View from pin side of filter 20 10 PCB Drilling
Revised 17/1/08
24
FOR MORE INFORMATION PLEASE PHONE 01638 665161


▲Up To Search▲   

 
Price & Availability of SF3010-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X