Part Number Hot Search : 
A5521PS TS6121E1 TYPE5141 TS6121E1 2SC2151 28F010 P4856WE1 ABS0908
Product Description
Full Text Search
 

To Download RD74LVC16373B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RD74LVC16373B
16-bit D-type Transparent Latches with 3-state Outputs
REJ03D0500-0100 Rev.1.00 Jan. 24, 2005
Description
The RD74LVC16373B has sixteen D type latches with three state outputs in a 48 pin package. When the latch enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input (1G, 2G), all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. Low voltage and high-speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
* * * * * * VCC = 1.65 V to 5.5 V All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) High output current 4 mA (@VCC = 1.65 V) 8 mA (@VCC = 2.3 V) 12 mA (@VCC = 2.7 V) 24 mA (@VCC = 3.0 V to 5.5 V) * Ordering Information
Part Name RD74LVC16373BTEL Package Type TSSOP-48 pin Package Code (Previous Code) PTSP0048KA-A (TTP-48DBV) T Package Abbreviation Taping Abbreviation (Quantity) EL (1,000 pcs/reel)
Function Table
Inputs G H L L L H: L: X: Z: Q0 : High level Low level Immaterial High impedance Level of Q before the indicated steady input conditions were established. LE X H H L D X L H X Output Q Z L H Q0
Rev.1.00 Jan. 24, 2005 page 1 of 9
RD74LVC16373B
Pin Arrangement
1G 1 1Q1 2 1Q2 3 GND 4 1Q3 5 1Q4 6 VCC 7 1Q5 8 1Q6 9 GND 10 1Q7 11 1Q8 12 2Q1 13 2Q2 14 GND 15 2Q3 16 2Q4 17 VCC 18 2Q5 19 2Q6 20 GND 21 2Q7 22 2Q8 23 2G 24
G Q G Q D D G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q D D
48 1LE 47 1D1 46 1D2 45 GND
D D
44 1D3 43 1D4 42 VCC
D D
41 1D5 40 1D6 39 GND 38 1D7 37 1D8 36 2D1 35 2D2 34 GND 33 2D3 32 2D4 31 VCC 30 2D5 29 2D6 28 GND 27 2D7 26 2D8 25 2LE
D D D D
D D
D D
(Top view)
Rev.1.00 Jan. 24, 2005 page 2 of 9
RD74LVC16373B
Absolute Maximum Ratings
Item Supply voltage Input diode current Input voltage Output diode current Output voltage Output current VCC, GND current / pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC or IGND Tstg Ratings -0.5 to 7.0 -50 -0.5 to 7.0 -50 50 -0.5 to VCC+0.5 -0.5 to 7.0 50 100 -65 to +150 mA mA C V Unit V mA V mA VO = -0.5 V VO = VCC+0.5 V Output "H" or "L" Output "Z" or VCC: OFF VI = -0.5 V Conditions
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input/output voltage Symbol VCC VI VO Operating temperature Output current Ta IOH Ratings 1.5 to 5.5 1.65 to 5.5 0 to 5.5 0 to VCC 0 to 5.5 -40 to 85 -4 -8 -12 -24 IOL 4 8 12 24 Input rise / fall time
*1
Unit V V Data hold At operation G, LE, D
Conditions
Output "H" or "L" Output "Z" or VCC: OFF C mA VCC = 1.65 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V to 5.5 V mA VCC = 1.65 V VCC = 2.3 V VCC = 2.7 V VCC = 3.0 V to 5.5 V ns/V VCC = 1.65 V to 2.7 V VCC = 3.0 V to 5.5 V
tr, tf 10
20
Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Rev.1.00 Jan. 24, 2005 page 3 of 9
RD74LVC16373B
Electrical Characteristics
Ta = -40 to 85C Item Input voltage Symbol VIH VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VIL 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 Output voltage VOH 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 VOL 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 Input current Output leak current Off state output current Quiescent supply current IIN IOFF IOZ ICC ICC 0 to 5.5 0 2.7 to 5.5 2.7 to 3.6 2.7 to 5.5 2.7 to 3.6 Min VCCx0.65 1.7 2.0 VCCx0.7 -- -- -- -- VCC-0.2 1.2 1.7 2.2 2.4 2.2 3.8 -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- VCCx0.35 0.7 0.8 VCCx0.3 -- -- -- -- -- -- -- 0.2 0.45 0.7 0.4 0.55 0.55 5.0 5.0 5.0 10.0 10.0 500 A A A A A A VIN = 5.5 V or GND VIN / VOUT = 5.5 V VIN = VCC or GND VOUT = 5.5 V or GND VIN = 3.6 to 5.5 V VIN = VCC or GND VIN = one input at (VCC-0.6)V, other inputs at VCC or GND IOL = 100 A IOL = 4 mA IOL = 8 mA IOL = 12 mA IOL = 24 mA IOH = -24 mA V IOH = -100 A IOH = -4 mA IOH = -8 mA IOH = -12 mA Unit V Test Conditions
Rev.1.00 Jan. 24, 2005 page 4 of 9
RD74LVC16373B
Switching Characteristics
Ta = -40 to 85C Item Propagation delay time Symbol tPLH tPHL VCC (V) 1.80.15 2.50.2 2.7 3.30.3 5.00.5 tPLH tPHL 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Output enable time tZH tZL 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Output disable time tHZ tLZ 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Setup time tsu 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Hold time th 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Pulse width tw 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Between output *1 pins skew tOSLH tOSHL 1.80.15 2.50.2 2.7 3.30.3 5.00.5 Input capacitance Output capacitance Note: CIN CO 3.3 3.3 Min 1.0 1.0 1.0 1.5 1.0 1.0 1.0 1.0 1.5 1.0 1.0 1.0 1.0 1.5 1.0 1.0 1.0 1.0 1.5 1.0 6.0 4.0 2.0 2.0 2.0 4.0 2.0 1.5 1.5 1.5 9.0 4.0 3.3 3.3 3.3 -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 8.0 Max 19.1 9.6 7.7 7.0 5.5 19.1 9.6 7.7 7.0 5.5 20.0 10.5 8.0 7.0 6.0 20.0 10.5 8.0 7.0 6.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 1.0 1.0 -- -- pF pF ns ns ns ns ns G Q ns G Q ns LE Q Unit ns From (Input) D To (Output) Q
1. This parameter is characterized but not tested. tosLH = | tPLHm - tPLHn|, tosHL = | tPHLm - tPHLn|
Rev.1.00 Jan. 24, 2005 page 5 of 9
RD74LVC16373B
Operating Characteristics
Ta = 25C Item Power dissipation capacitance Symbol CPD VCC (V) 1.8 2.5 3.3 5.0 Min Typ 27 28 30 35 Max Unit pF Test Conditions f = 10 MHz
Test Circuit
VCC VCC Output 1G, 2G Input RL CL 1D1 to 2D8 Symbol t PLH / t PHL 1LE, 2LE t su / t h / t w t ZH/ t HZ t ZL / t LZ 1Q1 to 2Q8 RL S1 OPEN
VTT
See Function Table
GND
Pulse generator Zout = 50 Input
S1 OPEN GND
VTT
Pulse generator Zout = 50
Note:
1. CL includes probe and jig capacitance.
Waveforms - 1
tr Input LE 10 % tr Input D 90 % 10 % t PLH Output Q Vref 90 % 90 % Vref 10 % tf 90 % 10 % t PHL Vref VOL Vref GND VIH GND VOH tf VIH
Note:
Input waveform: PRR = 10 MHz, duty cycle 50%.
Rev.1.00 Jan. 24, 2005 page 6 of 9
RD74LVC16373B Waveforms - 2
tr Input LE 90 % 10 % tr 90 % Input D Vref 10 % t PLH Output Q Vref 90 % Vref 10 % t PHL Vref VOL tf VIH
GND VIH
GND VOH
Note:
Input waveform: PRR = 10 MHz, duty cycle 50%.
Waveforms - 3
tr Input LE 10 % 90 % 90 % Vref Vref tw ts Vref 10 % th VIH Input D Vref GND tf VIH GND
Note:
Input waveform: PRR = 10 MHz, duty cycle 50%.
Rev.1.00 Jan. 24, 2005 page 7 of 9
RD74LVC16373B Waveforms - 4
tf Input G 90 % Vref 10 % t ZL Waveform - A t ZH Waveform - B Vref Vref t HZ VOH - V tr 90 % Vref 10 % t LZ VIH GND 1/2 V TT VOL + V VOL VOH GND INPUTS VIH VCC VCC 2.7 V 2.7 V VCC
VCC (V) VCC = 1.80.15 V VCC = 2.50.2 V VCC = 2.7 V VCC = 3.30.3 V VCC = 5.00.5 V
tr/tf 2 ns 2 ns 2.5 ns 2.5 ns 2.5 ns
Vref 1/2 VCC 1/2 VCC 1.5 V 1.5 V 1/2 VCC
VTT 2x VCC 2x VCC 6V 6V 2x VCC
CL 30 pF 30 pF 50 pF 50 pF 50 pF
RL 1.0 k 500 500 500 500
V 0.15 V 0.15 V 0.3 V 0.3 V 0.3 V
Notes:
1. Input waveform :PRR = 10 MHz, duty cycle 50% 2. Waveform - A shows input conditions such that the output is "L" level when enable by the output control. 3. Waveform - B shows input conditions such that the output is "H" level when enable by the output control.
Rev.1.00 Jan. 24, 2005 page 8 of 9
RD74LVC16373B
Package Dimensions
JEITA Package Code P-TSSOP48-6.1x12.5-0.50 RENESAS Code PTSP0048KA-A Previous Code TTP-48DBV MASS[Typ.] 0.2g
*1
D F 25
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
48
bp
HE
E
c
Index mark
Reference Symbol
Dimension in Millimeters Min Nom 12.5 6.10 Max 12.7
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
24 bp L1 x M
A1 A bp b1 c c
1
0.08
0.13
0.18 1.20
0.14
0.19
0.24
0.10
0.15
0.20
HE
0 7.90 8.10 0.50
8 8.30
A
A1
y L
e x y
0.08 0.10 0.65 0.4
1
Detail F
Z L L 0.5 1.0
0.6
Rev.1.00 Jan. 24, 2005 page 9 of 9
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of RD74LVC16373B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X