Part Number Hot Search : 
DSB1A40 1929F L7805T R1000 C2525A A5800285 XXXGP RE46C101
Product Description
Full Text Search
 

To Download PT908-7B-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 1.5mm Side Looking Phototransistor
PT908-7B-F
Features
Fast response time High sensitivity Small junction capacitance Pb Free This product itself will remain within RoHS compliant version.
Descriptions
PT908-7B-F is a phototransistor in miniature package which is molded in a black plastic with spherical top view lens. The device is spectrally matched to infrared emitting diode.
Applications
Optoelectronic switch VCRVideo Camera Floppy disk drive Infrared applied system
Device Selection Guide
LED Part No. PT908-7B-F Chip Material Silicon Lens Color Black
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 1of 7 wangyinsheng
PT908-7B-F
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 2of 7 wangyinsheng
PT908-7B-F
Absolute Maximum Ratings (Ta=25)
Parameter Collector-Emitter Voltage Emitter-Collector-Voltage Collector Current Operating Temperature Storage Temperature Lead Soldering Temperature Power Dissipation at (or below) 25 Free Air Temperature Symbol VCEO VECO IC Topr Tstg Tsol PD Rating 30 5 20 -25 ~ +85 -40 ~ +100 260 75 Units V V mA mW
Notes: *1:Soldering time5 seconds.
Electro-Optical Characteristics (Ta=25)
Parameter Collector - Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Wavelength of Peak Sensitivity Rang of Spectral Bandwidth Symbol BVCEO BVECO VCE)(sat) tr tf ICEO IC(on) p 0.5 Condition IC=100A Ee=0mW/cm2 IE=100A Ee=0mW/cm2 IC=2mA Ee=1mW/cm2 Min. 30 5 --Typ. ------15 15 --Max. Units ----0.4 ----100 5.0 940 ----1200 nA mA nm nm V V V S
VCE=5V --IC=1mA --RL=1000 2 Ee=0mW/cm --VCE=20V Ee=0.555mW/cm2 0.80 VCE=5V ------700
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 3of 7 wangyinsheng
PT908-7B-F
Typical Electro-Optical Characteristics Curves
1.0 Ta=25 C 0.8 0.6 0.4 0.2 0
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 4of 7 wangyinsheng
PT908-7B-F Test method
Ranks
Parameter BIN1 BIN2 BIN3 BIN4 BIN5 Symbol Min 0.80 1.11 Max 1.53 1.98 2.68 3.06 5.0 Unit Test condition
IC(ON)
1.43 1.59 2.0
mA
VCE=5V Ee=0.555mW/cm2
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 5of 7 wangyinsheng
PT908-7B-F
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Cycles Failure Sample Judgement Sizes Criteria 22pcs Ac/Re
1
Solder Heat
TEMP:2605 H : +100 15mins 5mins 15mins 5mins 10secs 5mins
10sec
2
Temperature Cycle L : -40 H :+100
300Cycle
More than 90% of lead to be covered 22pcs by soldering IRUx2 22pcs EeLx0.8 VFUx1.2
0/1
0/1
3
Thermal Shock L :-10 High Temperature Storage Low Temperature Storage
300Cycle
0/1
4
TEMP.+100
1000hrs
22pcs
UUpper
0/1
5
TEMP.-40
1000hrs
Specification 22pcs Limit LLower 22pcs Specification Limit 22pcs
0/1
6
DC Operating Life VCE=5V High Temperature/ 85 / 85% R.H High Humidity
1000hrs
0/1
7
1000hrs
0/1
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 6of 7 wangyinsheng
PT908-7B-F
Packing Quantity Specification
1. 1000 Pcs/1Bag10 Bags/1Box 2. 10 Boxes/1Carton
Label Form Specification
PN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number
PT908-7B-F
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device No: CDPT-090-014
http:\\www.everlight.com Prepared date: 2007/6/15
Rev 1 Prepared by:
Page: 7of 7 wangyinsheng


▲Up To Search▲   

 
Price & Availability of PT908-7B-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X