Part Number Hot Search : 
SK1020 1N968 2SK3019 ACTR312 MDC03 CR200 7N60B ESS3890
Product Description
Full Text Search
 

To Download PS3022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS3022
Features
Package 5 type, Water clear epoxy
Through-hole Phototransistor/5 Type
Product features
High Photo Current : 7mA TYP. (VCE=5V,Ee=1mW/cm2) Narrow Distribution Lead-free soldering compatible RoHS compliant
Peak Sensitivity Wavelength Half Intensity Angle Die materials Soldering methods
880nm 20 deg. Si TTW (Through The Wave) soldering and manual soldering Please refer to Soldering Conditions about soldering. 2kV (HBM) Bulk : 200pcs(MIN.)
ESD Packing
Recommended Applications
Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
2006.8.31
Page 1
PS3022
Through-hole Phototransistor/5 Type
Absolute Maximum Ratings
Item Collector Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Operating Temperature Storage Temperature
Symbol Absolute Maximum Ratings
(Ta=25)
Unit mW V V mA
Pc VCEO VECO Ic Topr Tstg
100 30 5 30 -30+85 -30+100
Electro-Optical Characteristics
Item Symbol Characteristics Min. TYP. 1.5 7
(Ta=25)
Conditions VCE=5V, Ee=1mW/cm
2 1
Unit mA mA
Photo Current
Ic
Response Time
VCE =10V, Ic=2mA, RL=100 1 VCEO=10V VCE=5V VCE=5V
tr/tf
TYP.
5
s
Dark Current Peak Sensitivity Wavelength Spatial Half Width
ICEO p
Max. TYP. TYP.
0.2 880 20
A nm deg.
1 Color temperature is 2,856K. Employs a standard tungsten lamp.
2004.11.17
Page 2
PS3022
Through-hole Phototransistor/5 Type
Photo Current Rank
Ic(mA) Rank MIN. A B C D E 1.5 2.4 4.0 7.0 12.0 MAX. 3.0 4.8 8.0 14.0 24.0 VCE = 5V Ee =1 mW/cm2 Condition
(Ta=25)
Please contact our sales staff concerning rank designation.
2004.11.17
Page 3
PS3022
Through-hole Phototransistor/5 Type
Technical Data
Relative Sensitivity vs. Sensitivity Wavelength
Condition : Ta = 25, VCE = 5V
Spatial Distribution Example
Condition : Ta = 25
Relative Sensitivity
Sensitivity Wavelength [nm]
Radiation Luminance vs. Relative Photo Current
Condition : Ta = 25, VCE = 5V
Collector-Emitter Voltage vs. Photo Current
Condition : Ta = 25
Relative Photo Current Ic
Radiation Luminance Ee(mW/cm2) It is based on Ee=1mW/cm2. Employs a standard tungsten lamp of 2,856K.
Photo Current Ic (mA)
Collector-Emitter Voltage VCE(V) Employs a standard tungsten lamp of 2,856K.
2004.11.17
Page 4
PS3022
Through-hole Phototransistor/5 Type
Technical Data
Response Time Measuring Circuit
Ambient Temperature vs. Relative Photo Current
Condition : VCE=10V, Ic=2mA, Ta=25
Response Time (s)
Load Resistance : RL()
Ambient Temperature vs. Collector Dissipation
Ambient Temperature vs. Dark Current
Condition : VCEO = 10V
Collector Dissipation : Pc(mW)
Ambient Temperature : Ta()
Dark Current : ICEO(A)
Ambient Temperature : Ta()
2005.3.31
Page 5
PS3022
Through-hole Phototransistor/5 Type
Technical Data
Ambient Temperature vs. Relative Photo Current
Condition : VCE = 5V
Relative Photo Current Ic (mA)
Ambient Temperature : Ta()
2004.11.17
Page 6
PS3022
Through-hole Phototransistor/5 Type
Package Dimensions
(Unit: mm)
2004.11.17
Page 7
PS3022
Through-hole Phototransistor/5 Type
TTW (Through The Wave) soldering Conditions
Pre-heating Solder Bath Temp. Dipping Time Position 100 265 5s (MAX.) Resin surface temperature (MAX.) (MAX.)
At least 3.0 mm away from the root of lead
1) The dip soldering process shall be twice maximum. 2) The product shall be cooled to normal temperature before the second dipping process.
The detail is described to LED and Photodetector handling precautions of home page: "Mounting through-hole Type Devices" and "Soldering", and use it after the confirmation, please.
Manual Soldering Conditions
Iron tip temp. Soldering time and frequency Position 400 3s 1 time (MAX.) (30 W Max.) (MAX.) (MAX.)
At least 3.0 mm away from the root of lead
The detail is described to LED and Photodetector handling precautions of home page: "Mounting through-hole Type Devices" and "Soldering", and use it after the confirmation, please.
2007.8.31
Page 8
PS3022
Through-hole Phototransistor/5 Type
Reliability Testing Result
Reliability Testing Result Room Temp. Operating Life Resistance to Soldering Heat Temperature Cycling Wet High Temp. Storage Life High Temp. Storage Life Low Temp. Storage Life Lead Tension Vibration, Variable Frequency Applicable Standard EIAJ ED4701/100(101) EIAJ ED4701/300(302) EIAJ ED4701/100(105) EIAJ ED4701/100(103) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(401) EIAJ ED4701/400(403) Testing Conditions Ta = 25, Pc = Maxium Rated Power Dissipation 2655, 3mm from package base Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 602, RH = 905% Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 10N,1time (0.4 and Flat Package : 5N) 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction
2
Duration 1,000 h 5s
Failure 0/16 0/16
5 cycles
0/16
1,000 h 1,000 h 1,000 h 10s 2h
0/16 0/16 0/16 0/16 0/16
Failure Criteria
Items Symbols Conditions
EE Value of each product Irradiance of Photo Current VCE Value of each product Collector-emitter Voltage of Photo Current VCEO Value of each product Collector-emitter Voltage of Dark Current -
Failure criteria
Photo Current
IC
Testing Max. Value Initial Value x 1.3 Testing Min. Value Initial Value x 0.7
Dark Current Cosmetic Appearance
ICEO -
Testing Max. Value Spec. Max. Value x 1.2 Occurrence of notable decoloration, deformation and cracking
2007.8.31
Page 9
PS3022
Through-hole Phototransistor/5 Type
Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet
1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products that have been described to this catalog are manufactured so that they will be used for the electrical instrument of the benchmark (OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument). The application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high reliability and safety, and the breakdown and the wrong operation might influence the life or the human body. Please consult us beforehand if you plan to use our product for the usages of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. except OA equipment, telecommunications equipment, AV machine, home appliance and measuring instrument. 5) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 6) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 7) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com
2007.8.31
Page 10


▲Up To Search▲   

 
Price & Availability of PS3022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X